データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP016FAR2 データシート(PDF) 10 Page - ON Semiconductor

部品番号 MC10EP016FAR2
部品情報  3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP016FAR2 データシート(HTML) 10 Page - ON Semiconductor

Back Button MC10EP016FAR2 Datasheet HTML 4Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 5Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 6Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 7Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 8Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 9Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 10Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 11Page - ON Semiconductor MC10EP016FAR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC10EP016, MC100EP016
http://onsemi.com
10
Figure 7. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020 – Termination of ECL Logic Devices.)
W
Driver
Device
Receiver
Device
QD
50
W
50
Q
D
VTT
VTT = VCC – 2.0 V
Resource Reference of Application Notes
AN1404
ECLinPS Circuit Performance at Non–Standard VIH Levels
AN1405
ECL Clock Distribution Techniques
AN1406
Designing with PECL (ECL at +5.0 V)
AN1504
Metastability and the ECLinPS Family
AN1568
Interfacing Between LVDS and ECL
AN1650
Using Wire–OR Ties in ECLinPS Designs
AN1672
The ECL Translator Guide
AND8001
Odd Number Counters Design
AND8002
Marking and Date Codes
AND8009
ECLinPS Plus Spice I/O Model Kit
AND8020
Termination of ECL Logic Devices
For an updated list of Application Notes, please see our website at http://onsemi.com.


同様の部品番号 - MC10EP016FAR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2 ONSEMI-MC10EP016FAR2 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016FAR2G ONSEMI-MC10EP016FAR2G Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com