データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H160L データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10H160L
部品情報  12-Bit Parity Generator-Checker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H160L データシート(HTML) 2 Page - ON Semiconductor

  MC10H160L Datasheet HTML 1Page - ON Semiconductor MC10H160L Datasheet HTML 2Page - ON Semiconductor MC10H160L Datasheet HTML 3Page - ON Semiconductor MC10H160L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H160
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
–8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current – Continuous
– Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range – Plastic
– Ceramic
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note 1.)
0
°
25
°
75
°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
88
78
88
mA
IinH
Input Current High
Pins 3,5,7,10,12,14
Pins 4,6,9,11,13,15
391
457
246
285
246
285
µA
IinL
Input Current Low
0.5
0.5
0.3
µA
VOH
High Output Voltage
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
VOL
Low Output Voltage
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
VIH
High Input Voltage
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
VIL
Low Input Voltage
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
tpd
Propagation Delay
1.1
3.1
1.1
3.3
1.2
3.5
ns
tr
Rise Time
0.55
1.5
0.55
1.6
0.75
1.7
ns
tf
Fall Time
0.55
1.5
0.55
1.6
0.75
1.7
ns
1. Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained.
Outputs are terminated through a 50–ohm resistor to –2.0 volts.


同様の部品番号 - MC10H160L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H160L ONSEMI-MC10H160L Datasheet
152Kb / 6P
   12?묪it Parity Generator?묬hecker
February, 2006 ??Rev. 8
More results

同様の説明 - MC10H160L

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com