データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H640 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10H640
部品情報  PECL to TTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H640 データシート(HTML) 2 Page - ON Semiconductor

  MC10H640_16 Datasheet HTML 1Page - ON Semiconductor MC10H640_16 Datasheet HTML 2Page - ON Semiconductor MC10H640_16 Datasheet HTML 3Page - ON Semiconductor MC10H640_16 Datasheet HTML 4Page - ON Semiconductor MC10H640_16 Datasheet HTML 5Page - ON Semiconductor MC10H640_16 Datasheet HTML 6Page - ON Semiconductor MC10H640_16 Datasheet HTML 7Page - ON Semiconductor MC10H640_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10H640
www.onsemi.com
2
1
VT
VT
Q1
GT
GT
Q0
VT
GT
GT
Q4
Q5
VT
SEL
56
789
10
11
25
24
23
22
21
20
19
Q1
Figure 1. Pinout: PLCC−28
(Top View)
VBB
DE
DE
VE
R
GE
DT
Q0
VT
VT
Q3
GT
GT
Q2
4
3
2
28
27
26
18
17
16
15
14
13
12
Figure 2. Logic Diagram
TTL Outputs
TTL/ECL Clock Inputs
TTL Control Inputs
VBB
DE
DT
SEL
R
DE
MUX
÷ 2
÷ 4
Q0
Q1
Q2
Q3
Q0
Q1
Q4
Q5
Table 1. PIN DESCRIPTION
PIN
FUNCTION
GT
VT
VE
GE
DE, DE
VBB
DT
Qn, Qn
SEL
R
TTL Ground (0 V)
TTL VCC (+5.0 V)
ECL VCC (+5.0 V)
ECL Ground (0 V)
ECL Signal Input (positive ECL)
VBB Reference Output
TTL Signal Input
Signal Outputs (TTL)
Input Select (TTL)
Reset (TTL)
Table 2. DC CHARACTERISTICS (VT = VE = 5.0 V ±5%)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Min
Max
Min
Max
Min
Max
Unit
IEE
Power Supply Current
ECL
VE Pin
57
57
57
mA
ICCH
TTL
Total all VT pins
30
30
30
mA
ICCL
30
30
30
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC10H640_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H640FN ONSEMI-MC10H640FN Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640FNG ONSEMI-MC10H640FNG Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640FNR2 ONSEMI-MC10H640FNR2 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640FNR2G ONSEMI-MC10H640FNR2G Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results

同様の説明 - MC10H640_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
133Kb / 8P
   PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com