データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H643 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10H643
部品情報  Dual Supply ECL to TTL 1:8 Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643 データシート(HTML) 2 Page - ON Semiconductor

  MC10H643_16 Datasheet HTML 1Page - ON Semiconductor MC10H643_16 Datasheet HTML 2Page - ON Semiconductor MC10H643_16 Datasheet HTML 3Page - ON Semiconductor MC10H643_16 Datasheet HTML 4Page - ON Semiconductor MC10H643_16 Datasheet HTML 5Page - ON Semiconductor MC10H643_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC10H643
www.onsemi.com
2
1
IVT2
IGND2
VCCE
VCCE
LEN
VBB
D
Q3
OGND2-
Q2
OVT1
Q1
OGND1
Q0
56
7
8
9
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
Figure 1. Pinout: PLCC−28
(Top View)
OGND
OVT
IGND
IVT
VEE
VCCE
D, D
VBB
Q0 − Q7
EN
LEN
TTL Output Ground (0V)
TTL Output VCC (+5.0V)
Internal TTL GND (0V)
Internal TTL VCC (+5.0V)
ECL VEE (−5.2/−4.5V)
ECL Ground (0V)
Signal Input (ECL)
VBB Reference Output
Signal Outputs (TTL)
Enable Input (ECL)
Latch Enable Input (ECL)
PIN
FUNCTION
Table 1. PIN DESCRIPTION
TTL OUTPUTS
Figure 2. Logic Diagram
ECL INPUT
D
D
VBB
LEN
EN
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D
Q
Table 2. TRUTH TABLE
D
LEN
EN
Q
L
H
X
X
L
L
H
X
L
L
L
H
L
H
QO
L


同様の部品番号 - MC10H643_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H643FN ONSEMI-MC10H643FN Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNR2 ONSEMI-MC10H643FNR2 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNR2G ONSEMI-MC10H643FNR2G Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results

同様の説明 - MC10H643_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com