データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H643 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10H643
部品情報  Dual Supply ECL to TTL 1:8 Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643 データシート(HTML) 3 Page - ON Semiconductor

  MC10H643_16 Datasheet HTML 1Page - ON Semiconductor MC10H643_16 Datasheet HTML 2Page - ON Semiconductor MC10H643_16 Datasheet HTML 3Page - ON Semiconductor MC10H643_16 Datasheet HTML 4Page - ON Semiconductor MC10H643_16 Datasheet HTML 5Page - ON Semiconductor MC10H643_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H643
www.onsemi.com
3
Table 3. DC CHARACTERISTICS (IVT = OVT = 5.0 V ± 5%; VEE = −5.2 V ± 5%)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
IEE
Power Supply Current
ECL
VEE Pins
42
42
42
mA
ICCL
TTL
Total all OVT
and IVT pins
106
106
106
mA
ICCH
95
95
95
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 4. ECL DC CHARACTERISTICS (IVT = OVT = 5.0 V ± 5%; VEE = −5.2 V ± 5%)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
IINH
IINL
Input HIGH Current
Input LOW Current
0.5
255
0.5
175
0.5
175
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1170
−1950
−840
−1480
−1130
−1950
−810
−1480
−1070
−1950
−735
−1450
mV
VBB
Output Reference Voltage
−1380
−1270
−1350
−1250
−1310
−1190
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. DC TTL CHARACTERISTICS (IVT = OVT = 5.0 V ± 5%; VEE = −5.2 V ± 5%)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
VOH
Output HIGH Voltage
IOH = −3.0 mA
IOH = −15 mA
2.5
2.0
2.5
2.0
2.5
2.0
V
VOL
Output LOW Voltage
IOH = 48 mA
0.5
0.5
0.5
V
IOS
Output Short Circuit Current
VOUT = 0 V
−100
−225
−100
−225
−100
−225
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


同様の部品番号 - MC10H643_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H643FN ONSEMI-MC10H643FN Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNR2 ONSEMI-MC10H643FNR2 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNR2G ONSEMI-MC10H643FNR2G Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results

同様の説明 - MC10H643_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com