データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H643FNG データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC10H643FNG
部品情報  Dual Supply ECL to TTL 1:8 Clock Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643FNG データシート(HTML) 4 Page - ON Semiconductor

  MC10H643FNG Datasheet HTML 1Page - ON Semiconductor MC10H643FNG Datasheet HTML 2Page - ON Semiconductor MC10H643FNG Datasheet HTML 3Page - ON Semiconductor MC10H643FNG Datasheet HTML 4Page - ON Semiconductor MC10H643FNG Datasheet HTML 5Page - ON Semiconductor MC10H643FNG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC10H643
www.onsemi.com
4
Table 6. AC CHARACTERISTICS (IVT = OVT = 5.0 V ± 5%; VEE = −5.2 V ± 10%; VCCE = GND)
Symbol
Characteristic
Condition
0°C
25°C
85°C
Unit
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay to Output
D
LEN
EN
CL = 50 pF
4.0
3.5
3.5
5.0
5.5
5.5
4.1
3.5
3.5
5.1
5.5
5.5
4.4
3.9
3.9
5.4
5.9
5.9
ns
tSKEW
Within-Device Skew
(Note 1)
0.5
0.5
0.5
ns
tw
Pulse Width Out
HIGH or LOW
@ fout = 50MHz
CL = 50 pF
(Note 2)
9.0
11.0
9.0
11.0
9.0
11.0
ns
ts
Setup Time
D
0.75
0.75
0.75
ns
th
Hold Time
D
0.75
0.75
0.75
ns
tRR
Recovery Time
LEN
EN
1.25
1.25
1.25
1.25
1.25
1.25
ns
tpw
Minimum Pulse Width
LEN
EN
1.5
1.5
1.5
1.5
1.5
1.5
ns
tr
tf
Rise / Fall Times
0.8 V − 2.0 V
CL = 50 pF
1.2
1.2
1.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Within-Device skew defined as identical transitions on similar paths through a device.
2. Pulse width is defined relative to 1.5 V measurement points on the output waveform.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


同様の部品番号 - MC10H643FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results

同様の説明 - MC10H643FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Fairchild Semiconductor
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com