データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100E310FNG データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100E310FNG
部品情報  5 V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310FNG データシート(HTML) 2 Page - ON Semiconductor

  MC100E310FNG Datasheet HTML 1Page - ON Semiconductor MC100E310FNG Datasheet HTML 2Page - ON Semiconductor MC100E310FNG Datasheet HTML 3Page - ON Semiconductor MC100E310FNG Datasheet HTML 4Page - ON Semiconductor MC100E310FNG Datasheet HTML 5Page - ON Semiconductor MC100E310FNG Datasheet HTML 6Page - ON Semiconductor MC100E310FNG Datasheet HTML 7Page - ON Semiconductor MC100E310FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC100E310
www.onsemi.com
2
1
5
6
789
10
11
25
24
23
22
21
20
19
26
27
28
2
3
4
18
17
16
15
14
13
12
VEE
CLK_SEL
CLKa
VCC
CLKa
VBB
CLKb
Q3
Q3
Q4
VCCO
Q4
Q5
Q5
Pinout: 28-Lead PLCC
(Top View)
Q0
Q0 Q1 VCCO Q1 Q2 Q2
CLKb
Q7
Q6
NC
VCCO Q7
Q6
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
VBB
CLKa
CLKa
Q4
Q4
Q5
Q5
Q6
Q6
Q7
Q7
CLKb
CLKb
CLK_SEL
Figure 1. Logic Diagram and Pinout Assignment
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
* All VCC and VCCO pins are tied together on the die.
Figure 2. Logic Symbol
Table 1. PIN DESCRIPTION
PIN
Function
CLKa, CLKb;
CLKa, CLKb
Q0:7; Q0:7
CLK_SEL
VBB
VCC, VCCO
VEE
NC
ECL Differential Input Pairs
ECL Differential Input Pairs
ECL Differential Outputs
ECL Input Clock Select
Reference Voltage Output
Positive Supply
Negative Supply
No Connect
Table 2. FUNCTION TABLE
PIN
Function
0
1
CLKa Selected
CLKb Selected


同様の部品番号 - MC100E310FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100E310FNG ONSEMI-MC100E310FNG Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
More results

同様の説明 - MC100E310FNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com