データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEP11MNR4G データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC100LVEP11MNR4G
部品情報  ECL 1:2 Differential Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP11MNR4G データシート(HTML) 7 Page - ON Semiconductor

Back Button MC100LVEP11MNR4G Datasheet HTML 3Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 4Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 5Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 6Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 7Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 8Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 9Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 10Page - ON Semiconductor MC100LVEP11MNR4G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MC10LVEP11, MC100LVEP11
www.onsemi.com
7
Table 10. AC CHARACTERISTICS (VCC = 0 V; VEE = −3.8 V to −2.375 V or VCC = 2.375 V to 3.8 V; VEE = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency (Figure 2)
3
3
3
GHz
tPLH,
tPHL
Propagation Delay
(Differential Configuration)
CLK to Q, Q
170
230
300
180
240
310
210
270
360
ps
tSKEW
Within Device Skew
Q, Q
Device to Device Skew (Note 2)
5.0
20
130
5.0
20
130
5.0
20
150
ps
tJITTER
CLOCK Random Jitter (RMS)
@ v1.0 GHz
@ v1.5 GHz
@ v2.0 GHz
@ v2.5 GHz
@ v3.0 GHz
0.126
0.112
0.111
0.112
0.155
0.3
0.2
0.3
0.2
0.2
0.142
0.162
0.122
0.172
0.217
0.4
0.3
0.2
0.3
0.3
0.209
0.162
0.170
0.235
0.368
0.3
0.2
0.3
0.3
0.6
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q, Q
(20% − 80%)
70
110
170
80
120
180
100
140
200
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
2. Skew is measured between outputs under identical transitions.
0
100
200
300
400
500
600
700
800
900
1000
0
1000
2000
3000
4000
FREQUENCY (MHz)
Figure 2. Fmax Typical
3.3 V
2.5 V


同様の部品番号 - MC100LVEP11MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP11MNR4G ONSEMI-MC100LVEP11MNR4G Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
More results

同様の説明 - MC100LVEP11MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC100LVEL11 ONSEMI-MC100LVEL11_06 Datasheet
141Kb / 8P
   3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
100LVEL11 FAIRCHILD-100LVEL11 Datasheet
131Kb / 6P
   3.3V ECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ10EL11 AZM-AZ10EL11 Datasheet
76Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
AZ10LVEL11 AZM-AZ10LVEL11 Datasheet
88Kb / 7P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
logo
Arizona Microtek, Inc
AZ100LVEL11 AZM-AZ100LVEL11_12 Datasheet
476Kb / 8P
   PECL/ECL 1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com