データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EL91 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC100EL91
部品情報  5 V Triple PECL Input to -5 V ECL Output Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL91 データシート(HTML) 3 Page - ON Semiconductor

  MC100EL91 Datasheet HTML 1Page - ON Semiconductor MC100EL91 Datasheet HTML 2Page - ON Semiconductor MC100EL91 Datasheet HTML 3Page - ON Semiconductor MC100EL91 Datasheet HTML 4Page - ON Semiconductor MC100EL91 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC100EL91
www.onsemi.com
3
Table 3. PECL INPUT DC CHARACTERISTICS (VCC= 5.0 V; VEE= −5.0 V; GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ICC
VCC Power Supply Current
11
6
11
11
mA
VIH
Input HIGH Voltage (Single-Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single-Ended)
3190
3525
3190
3525
3190
3525
mV
PECL VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 2)
VPP < 500 mV
VPP ≥ 500 mV
1.3
1.5
4.8
4.8
1.2
1.4
4.8
4.8
1.2
1.4
4.8
4.8
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. Input parameters vary 1:1 with VCC. VCC = +4.75 V to +5.2 V, VEE = −4.20 V to −5.5 V.
2. VIHCMR min varies 1:1 with GND. VIHCMR max varies 1:1 with VCC.
Table 4. NECL OUTPUT DC CHARACTERISTICS (VCC= 5.0 V to 5.0 V; VEE= −5.0 V; GND= 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
VEE Power Supply Current
28
22
28
30
mA
VOH
Output HIGH Voltage (Note 2)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Output parameters vary 1:1 with GND. VCC = +4.75 V to +5.2 V, VEE = −4.20 V to −5.5 V.
2. Outputs are terminated through a 50 W resistor to GND − 2.0 V


同様の部品番号 - MC100EL91

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL91 ONSEMI-MC100EL91 Datasheet
80Kb / 4P
   Triple PECL to ECL Translator?
1997 REV 1
MC100EL91 ONSEMI-MC100EL91 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DW ONSEMI-MC100EL91DW Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DWG ONSEMI-MC100EL91DWG Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100EL91DWR2 ONSEMI-MC100EL91DWR2 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
More results

同様の説明 - MC100EL91

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EL91 ONSEMI-MC100EL91_06 Datasheet
111Kb / 6P
   5 V Triple PECL Input to ?? V ECL Output Translator
November, 2006 ??Rev. 6
MC100LVEL92 ONSEMI-MC100LVEL92_16 Datasheet
147Kb / 5P
   5V Triple PECL Input to LVPECL Output Translator
July, 2016 ??Rev. 13
MC100EL90 ONSEMI-MC100EL90_06 Datasheet
111Kb / 5P
   ??.3V / ??V Triple ECL Input to PECL Output Translator
November, 2006 ??Rev. 3
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
   -3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
MC10EP90 ONSEMI-MC10EP90_06 Datasheet
136Kb / 9P
   ??.3V / ??V Triple ECL Input to LVPECL/PECL Output Translator
November, 2006 ??Rev. 6
MC10EP90 ONSEMI-MC10EP90_14 Datasheet
92Kb / 9P
   Triple ECL Input to LVPECL/PECL Output Translator
May, 2014 ??Rev. 7
MC100LVEL90 ONSEMI-MC100LVEL90_06 Datasheet
112Kb / 6P
   ??.3V / ??V Triple ECL Input to LVPECL Output Translator
November, 2006 ??Rev. 11
logo
Texas Instruments
SN65ELT21 TI-SN65ELT21 Datasheet
443Kb / 11P
[Old version datasheet]   5-V PECL-to-TTL Translator
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90 Datasheet
114Kb / 4P
   Triple ECL to PECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com