データシートサーチシステム |
|
MC100EP14DTR2G データシート(PDF) 4 Page - ON Semiconductor |
|
MC100EP14DTR2G データシート(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC100EP14 http://onsemi.com 4 Table 5. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 2) Symbol Characteristic −40 °C 25 °C 85 °C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 45 55 65 48 58 68 52 62 72 mA VOH Output HIGH Voltage (Note 3) 2155 2280 2405 2155 2280 2405 2155 2280 2405 mV VOL Output LOW Voltage (Note 3) 1305 1480 1605 1305 1480 1605 1305 1480 1605 mV VIH Input HIGH Voltage (Single−Ended) 2075 2420 2075 2420 2075 2420 mV VIL Input LOW Voltage (Single−Ended) 1305 1675 1305 1675 1305 1675 mV VBB Output Voltage Reference 1775 1875 1975 1775 1875 1975 1775 1875 1975 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 4) 1.2 3.3 1.2 3.3 1.2 3.3 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V. 3. All loading with 50 W to VCC − 2.0 V. 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 6. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5) Symbol Characteristic −40 °C 25 °C 85 °C Unit Min Typ Max Min Typ Max Min Typ Max IEE Power Supply Current 45 55 65 48 58 68 52 62 72 mA VOH Output HIGH Voltage (Note 6) 3855 3980 4105 3855 3980 4105 3855 3980 4105 mV VOL Output LOW Voltage (Note 6) 3005 3180 3305 3005 3180 3305 3005 3180 3305 mV VIH Input HIGH Voltage (Single−Ended) 3775 4120 3775 4120 3775 4120 mV VIL Input LOW Voltage (Single−Ended) 3005 3375 3005 3375 3005 3375 mV VBB Output Voltage Reference 3475 3575 3675 3475 3575 3675 3475 3575 3675 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 7) 1.2 5.0 1.2 5.0 1.2 5.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current D D 0.5 −150 0.5 −150 0.5 −150 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V. 6. All loading with 50 W to VCC − 2.0 V. 7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
同様の部品番号 - MC100EP14DTR2G |
|
同様の説明 - MC100EP14DTR2G |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |