データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100RPT22DTR2G データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100RPT22DTR2G
部品情報  3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100RPT22DTR2G データシート(HTML) 4 Page - ON Semiconductor

  MC100RPT22DTR2G Datasheet HTML 1Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 2Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 3Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 4Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 5Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 6Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 7Page - ON Semiconductor MC100RPT22DTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100EPT22
www.onsemi.com
4
Table 6. AC CHARACTERISTICS (VCC = 3.0 V to 3.6 V, GND = 0.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency (Figure 2)
0.8
1.1
0.8
1.1
0.8
1.1
GHz
tPLH,
tPHL
Propagation Delay to
Output Differential
250
400
650
250
420
675
300
500
700
ps
tskew
Within−Device Skew (Note 2)
Device-to-Device Skew (Note 3)
50
200
100
400
50
200
100
425
50
200
100
400
ps
tJITTER
Random Clock Jitter (Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
tJIT(F)
Additive Phase RMS Jitter
Integration Range 12 kHz to 20 MHz
25 MHz
156.25 MHz
0.05
0.16
ps
tr
tf
Output Rise/Fall Times
Q, Q (20%−80%)
50
110
200
60
120
220
70
140
250
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Measured using a 2.4 V source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
2. Skew is measured between outputs under identical transitions and conditions on any one device.
3. Device-to-Device Skew for identical transitions at identical VCC levels.
0
100
200
300
400
500
600
700
800
900
0
200
400
600
800
1000
1200
1400
1600
1
2
3
4
5
6
7
8
9
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)


同様の部品番号 - MC100RPT22DTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100RPT26DTR2G ONSEMI-MC100RPT26DTR2G Datasheet
165Kb / 8P
   3.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator
August, 2016 ??Rev. 17
More results

同様の説明 - MC100RPT22DTR2G

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC100ES60T22 FREESCALE-MC100ES60T22 Datasheet
97Kb / 8P
   3.3 V Dual LVTTL/LVCMOS to Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT20 ONSEMI-MC100LVELT20_16 Datasheet
135Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 1
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
logo
Texas Instruments
SN65LVELT22 TI-SN65LVELT22 Datasheet
417Kb / 10P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
SN65LVELT22 TI-SN65LVELT22_10 Datasheet
432Kb / 11P
[Old version datasheet]   3.3 V Dual LVTTL to DIfferential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22_16 Datasheet
150Kb / 7P
   3.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com