データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100EPT24DR2G データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC100EPT24DR2G
部品情報  LVTTL/LVCMOS to Differential LVECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EPT24DR2G データシート(HTML) 7 Page - ON Semiconductor

  MC100EPT24DR2G Datasheet HTML 1Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 2Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 3Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 4Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 5Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 6Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 7Page - ON Semiconductor MC100EPT24DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC100EPT24
www.onsemi.com
7
PACKAGE DIMENSIONS
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
0.80
1.10
0.031
0.043
D
0.05
0.15
0.002
0.006
F
0.40
0.70
0.016
0.028
G
0.65 BSC
0.026 BSC
L
4.90 BSC
0.193 BSC
M
0
6
0
6
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD
FLASH. PROTRUSIONS OR GATE BURRS. MOLD
FLASH OR GATE BURRS SHALL NOT EXCEED
0.15 (0.006) PER SIDE.
4.
DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL NOT
EXCEED 0.25 (0.010) PER SIDE.
5.
TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
6.
DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE -W-.
___
_
SEATING
PLANE
PIN 1
1
4
85
DETAIL E
B
C
D
A
G
DETAIL E
F
M
L
2X
L/2
−U−
S
U
0.15 (0.006) T
S
U
0.15 (0.006) T
S
U
M
0.10 (0.004)
V S
T
0.10 (0.004)
−T−
−V−
−W−
0.25 (0.010)
8x
REF
K
IDENT
K
0.25
0.40
0.010
0.016
TSSOP−8
DT SUFFIX
CASE 948R−02
ISSUE A


同様の部品番号 - MC100EPT24DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EPT24DR2G ONSEMI-MC100EPT24DR2G Datasheet
135Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVECL Translator
December, 2006 ??Rev. 8
More results

同様の説明 - MC100EPT24DR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100EPT24 ONSEMI-MC100EPT24_06 Datasheet
135Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVECL Translator
December, 2006 ??Rev. 8
MC100EPT24 ONSEMI-MC100EPT24 Datasheet
67Kb / 4P
   LVTTL/LVCOMS to Differential LVECL Translator
December, 1999 ??Rev. 1
MC100EPT25 ONSEMI-MC100EPT25 Datasheet
96Kb / 8P
   Differential LVECL/ECL to LVTTL Translator
May, 2000 ??Rev. 1
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
830S21I IDT-830S21I Datasheet
354Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
64Kb / 4P
   LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 1.0
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com