データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL16MNR4G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100LVEL16MNR4G
部品情報  3.3V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL16MNR4G データシート(HTML) 1 Page - ON Semiconductor

  MC100LVEL16MNR4G Datasheet HTML 1Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 2Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 3Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 4Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 5Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 6Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 7Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 8Page - ON Semiconductor MC100LVEL16MNR4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
July, 2015 − Rev. 7
1
Publication Order Number:
MC100LVEL16/D
MC100LVEL16
3.3V ECL Differential
Receiver
Description
The MC100LVEL16 is a differential receiver. The device is
functionally equivalent to the EL16 device, operating from a 3.3 V
supply. The LVEL16 exhibits a wider VIHCMR range than its EL16
counterpart. With output transition times and propagation delays
comparable to the EL16 the LVEL16 is ideally suited for interfacing
with high frequency sources at 3.3 V supplies.
Under open input conditions, the Q input will be pulled down to VEE
and the Q input will be biased to VCC/2. This condition will force the
Q output low.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
300 ps Propagation Delay
High Bandwidth Output Transitions
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors on D, Pullup and Pulldown
Resistors on D
Q Output will Default LOW with Inputs Open or at VEE
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
KV16
ALYW
G
G
SOIC−8
D SUFFIX
CASE 751
1
8
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
KVL16
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
(Note: Microdot may be in either location)
A = Assembly Location
L
= Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package
4BM
G
G
1


同様の部品番号 - MC100LVEL16MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL16MNR4G ONSEMI-MC100LVEL16MNR4G Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
More results

同様の説明 - MC100LVEL16MNR4G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_06 Datasheet
142Kb / 9P
   3.3V ECL Differential Receiver
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com