データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEL14DWR2G データシート(PDF) 4 Page - ON Semiconductor

部品番号 MC100LVEL14DWR2G
部品情報  3.3 V ECL 1:5 Clock Distribution Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL14DWR2G データシート(HTML) 4 Page - ON Semiconductor

  MC100LVEL14DWR2G Datasheet HTML 1Page - ON Semiconductor MC100LVEL14DWR2G Datasheet HTML 2Page - ON Semiconductor MC100LVEL14DWR2G Datasheet HTML 3Page - ON Semiconductor MC100LVEL14DWR2G Datasheet HTML 4Page - ON Semiconductor MC100LVEL14DWR2G Datasheet HTML 5Page - ON Semiconductor MC100LVEL14DWR2G Datasheet HTML 6Page - ON Semiconductor MC100LVEL14DWR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC100LVEL14
www.onsemi.com
4
Table 5. AC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 1)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency (Figure 2)
> 1
> 1
> 1
GHz
tPLH
tPHL
Prop
CLK to Q (Diff)
Delay
CLK to Q (SE)
SCLK to Q
520
470
470
720
770
770
580
530
530
680
680
680
780
830
830
630
580
580
830
880
880
ps
tSKEW
Part-to-Part Skew
Within-Device Skew (Note 2)
200
50
200
50
200
50
ps
tJITTER
Random Clock Jitter (RMS) @ 1 Ghz
(Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
tS
Setup Time EN
0
−95
0
−110
0
−125
ps
tH
Hold Time EN
250
150
250
160
250
175
ps
VPP
Input Swing CLK (Note 3)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q (20%−80%)
230
500
230
500
230
500
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary ±0.3 V.
2. Skews are specified for identical LOW-to-HIGH or HIGH-to-LOW transitions.
3. VPP(min) is minimum input swing for which AC parameters guaranteed.
0
100
200
300
400
500
600
700
800
900
0
300
600
900
1200
1500
1800
2100
2400
Figure 2. Fmax/Jitter
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
(JITTER)
9


同様の部品番号 - MC100LVEL14DWR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL14DWR2G ONSEMI-MC100LVEL14DWR2G Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
More results

同様の説明 - MC100LVEL14DWR2G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PCKEL14 NXP-PCKEL14 Datasheet
399Kb / 15P
   2.5 V/3.3 V PECL/ECL 1:5 clock distribution chip
Rev. 01-14 October 2002
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
NXP Semiconductors
PCKEP14 PHILIPS-PCKEP14 Datasheet
351Kb / 15P
   2.5 V/3.3 V 1:5 differential ECL/PECL/HSTL clock driver
Rev. 01-30 October 2002
logo
ON Semiconductor
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com