データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1240 データシート(PDF) 8 Page - Keysight Technologies

部品番号 U1240
部品情報  Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1240 データシート(HTML) 8 Page - Keysight Technologies

  U1240 Datasheet HTML 1Page - Keysight Technologies U1240 Datasheet HTML 2Page - Keysight Technologies U1240 Datasheet HTML 3Page - Keysight Technologies U1240 Datasheet HTML 4Page - Keysight Technologies U1240 Datasheet HTML 5Page - Keysight Technologies U1240 Datasheet HTML 6Page - Keysight Technologies U1240 Datasheet HTML 7Page - Keysight Technologies U1240 Datasheet HTML 8Page - Keysight Technologies U1240 Datasheet HTML 9Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
08 | Keysight | U1240 Series Handheld Digital Multimeters - Data Sheet
Optional accessories
Measuring accessories (temperature)
U1180A
Thermocouple adapter+lead kit,
J and K types
Includes thermocouple adapter, thermocouple bead J-type and
thermocouple bead K-type.
– T/C adapter J/K-type
– T/C bead J-type: –20 to 200 °C
– T/C bead K-type: –20 to 200 °C
U1181A
Immersion temperature probe
– Type-K T/C for use in oil and other liquids
– Measurement range: –50 to 700 ºC
– Includes adapter U1184A for connection to DMM
U1182A
Industrial surface temperature
probe
– Type-K T/C for use on still surfaces
– Measurement range: –50 to 400 ºC
– Includes adapter U1184A for connection to DMM
U1183A
Air temperature probe
– Type-K T/C for use in air and non-caustic gas
– Measurement range: –50 to 800 ºC
– Includes adapter U1184A for connection to DMM
U1184A
Temperature probe adapter
– Mini-connector-to-banana-plug adapter for use with DMM
U1185A
J-type thermocouple and adapter
– T/C adapter J/K-type
– T/C bead J-type: –20 to 200 °C
U1186A
K-type thermocouple and adapter
– T/C adapter J/K-type
– T/C bead J-type: –20 to 200 °C
Carrying case
U1172A
Transit case (aluminium-clad)
The robust casing to transport your DMM and accessories
– Aluminum-clad, black panel construction
– Dimension: 18 inches (H) x 13 inches (W) x 6 inches (D)
– Weight: 4 kg
U1174A
Soft carrying case
The convenient way to carry your DMM and essential accessories
– Dimension: 9 inches (H) x 5 inches (W) x 3 inches (D)
Hanging kit
U1171A
Magnetic hanging kit
For fastening the DMM to a steel surface so both hands are free
U1179A
IR Connectivity Bracket
Connect with U1177A IR-to-Bluetooth adapter or U1173A IR-USB cable
Ordering Information


同様の部品番号 - U1240

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
More results

同様の説明 - U1240

メーカー部品番号データシート部品情報
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com