データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1401B データシート(PDF) 10 Page - Keysight Technologies

部品番号 U1401B
部品情報  Multi-function Calibrator/Meter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1401B データシート(HTML) 10 Page - Keysight Technologies

Back Button U1401B Datasheet HTML 2Page - Keysight Technologies U1401B Datasheet HTML 3Page - Keysight Technologies U1401B Datasheet HTML 4Page - Keysight Technologies U1401B Datasheet HTML 5Page - Keysight Technologies U1401B Datasheet HTML 6Page - Keysight Technologies U1401B Datasheet HTML 7Page - Keysight Technologies U1401B Datasheet HTML 8Page - Keysight Technologies U1401B Datasheet HTML 9Page - Keysight Technologies U1401B Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
myKeysight
www.keysight.com/find/mykeysight
A personalized view into the information most relevant to you.
www.axiestandard.org
AdvancedTCA®
Extensions for Instrumentation and Test (AXIe) is an
open standard that extends the AdvancedTCA for general purpose and
semiconductor test. Keysight is a founding member of the AXIe consortium.
ATCA®, AdvancedTCA®, and the ATCA logo are registered US trademarks of
the PCI Industrial Computer Manufacturers Group.
www.lxistandard.org
LAN eXtensions for Instruments puts the power of Ethernet and the
Web inside your test systems. Keysight is a founding member of the LXI
consortium.
www.pxisa.org
PCI eXtensions for Instrumentation (PXI) modular instrumentation delivers a
rugged, PC-based high-performance measurement and automation system.
Three-Year Warranty
www.keysight.com/find/ThreeYearWarranty
Keysight’s commitment to superior product quality and lower total cost
of ownership. The only test and measurement company with three-year
warranty standard on all instruments, worldwide.
Keysight Assurance Plans
www.keysight.com/find/AssurancePlans
Up to five years of protection and no budgetary surprises to ensure your
instruments are operating to specification so you can rely on accurate
measurements.
www.keysight.com/go/quality
Keysight Technologies, Inc.
DEKRA Certified ISO 9001:2008
Quality Management System
Keysight Channel Partners
www.keysight.com/find/channelpartners
Get the best of both worlds: Keysight’s measurement expertise and product
breadth, combined with channel partner convenience.
www.keysight.com/find/handheld-calibrator-meter
For more information on Keysight
Technologies’ products, applications or
services, please contact your local Keysight
office. The complete list is available at:
www.keysight.com/find/contactus
Americas
Canada
(877) 894 4414
Brazil
55 11 3351 7010
Mexico
001 800 254 2440
United States
(800) 829 4444
Asia Paciic
Australia
1 800 629 485
China
800 810 0189
Hong Kong
800 938 693
India
1 800 112 929
Japan
0120 (421) 345
Korea
080 769 0800
Malaysia
1 800 888 848
Singapore
1 800 375 8100
Taiwan
0800 047 866
Other AP Countries
(65) 6375 8100
Europe & Middle East
Austria
0800 001122
Belgium
0800 58580
Finland
0800 523252
France
0805 980333
Germany
0800 6270999
Ireland
1800 832700
Israel
1 809 343051
Italy
800 599100
Luxembourg
+32 800 58580
Netherlands
0800 0233200
Russia
8800 5009286
Spain
0800 000154
Sweden
0200 882255
Switzerland
0800 805353
Opt. 1 (DE)
Opt. 2 (FR)
Opt. 3 (IT)
United Kingdom
0800 0260637
For other unlisted countries:
www.keysight.com/find/contactus
(BP-07-10-14)
10 | Keysight | U1401B Handheld Multi-function Calibrator/Meter - Data Sheet
This information is subject to change without notice.
© Keysight Technologies, 2013 - 2014
Published in USA, August 3, 2014
5990-3459EN
www.keysight.com


同様の部品番号 - U1401B

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1401B KEYSIGHT-U1401B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U1401B

メーカー部品番号データシート部品情報
logo
NHP Electrical Engineer...
NEMO96HD NHP-NEMO96HD Datasheet
934Kb / 4P
   NEMO HD MULTI-FUNCTION METER BASE
25 March 2023,
logo
Keysight Technologies
34411A KEYSIGHT-34411A Datasheet
160Kb / 6P
   Agilent MULTI Meter
logo
Amphenol Corporation
AAS-920-085D AMPHENOL-AAS-920-085D Datasheet
341Kb / 4P
   Protimeter Dual-Function Moisture Meter
logo
List of Unclassifed Man...
BL1R ETC2-BL1R Datasheet
611Kb / 3P
   Multi-function or mono-function
BM1R ETC2-BM1R Datasheet
772Kb / 4P
   Multi-function or mono-function
BM2R ETC2-BM2R Datasheet
774Kb / 4P
   Multi-function or mono-function
BA1R ETC2-BA1R Datasheet
570Kb / 4P
   Multi-function or mono-function
logo
Sanyo Semicon Device
LC7555 SANYO-LC7555 Datasheet
958Kb / 12P
   Level Meter with Peak Hold Function
logo
Microsemi Corporation
TSC341 MICROSEMI-TSC341 Datasheet
726Kb / 4P
   Multi-Function Gates
logo
Qualtek Electronics Cor...
761-18-003 QUALTEK-761-18-003 Datasheet
379Kb / 1P
   MULTI-FUNCTION MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com