データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1280 データシート(PDF) 11 Page - Keysight Technologies

部品番号 U1280
部品情報  U1280 Series Handheld Digital Multimeters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1280 データシート(HTML) 11 Page - Keysight Technologies

Back Button U1280 Datasheet HTML 7Page - Keysight Technologies U1280 Datasheet HTML 8Page - Keysight Technologies U1280 Datasheet HTML 9Page - Keysight Technologies U1280 Datasheet HTML 10Page - Keysight Technologies U1280 Datasheet HTML 11Page - Keysight Technologies U1280 Datasheet HTML 12Page - Keysight Technologies U1280 Datasheet HTML 13Page - Keysight Technologies U1280 Datasheet HTML 14Page - Keysight Technologies U1280 Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11 | Keysight | U1280 Series Handheld Digital Multimeters - Data Sheet
AC and AC + DC current specification for U1281A / U1282A8,9
Function
Range
Resolution
Accuracy ± (% of reading + counts of least significant digit)
20 Hz to 45 Hz
45 Hz to 1 kHz
1 kHz to 20 kHz5
20 kHz to 100 kHz5,6,7
AC current
True RMS
600 µA1
0.01 µA
1.0 % + 40
0.6 % + 25
1.0 % + 30
5 % + 40
6 mA
0.0001 mA
1.0 % + 40
0.6 % + 25
1.0 % + 30
5 % + 40
60 mA
0.001 mA
1.0 % + 40
0.6 % + 25
1.0 % + 30
5 % + 40
600 mA2
0.01 mA
1.0 % + 40
0.6 % + 25
1.5 % + 30
5 % + 40
6 A
0.0001 A
1.0 % + 404
0.6 % + 25
1.5% + 306
N/A
10 A3
0.001 A
1.0 % + 404
0.6 % + 25
1.5% + 306
N/A
AC + DC current
True RMS
600 µA1
0.01 µA
1.12 % + 50
0.72 % + 35
1.12 % + 40
5.12 % + 50
6 mA
0.0001 mA
1.05 % + 45
0.65 % + 30
1.05 % + 35
5.05 % + 45
60 mA
0.001 mA
1.10 % + 60
0.70 % + 45
1.05 % + 50
5.10 % + 60
600 mA2
0.01 mA
1.15 % + 45
0.75 % + 30
1.65 % + 35
5.15 % + 45
6 A
0.0001 A
1.15 % + 504
0.95 % + 35
1.65 % + 406
N/A
10 A3
0.001 A
1.15 % + 454
0.95 % + 30
1.65 % + 406
N/A
Notes
1. Typical performance for current ≤ 30 µArms.
2. Current can be measured up to 440 mA continuously. Maximum of 20 hours for measuring current
more than 440 mA.
3. Current can be measured up to 10 A continuously. Maximum of 30 seconds for measuring current
more than 10 A to 20 A, add 0.3 % to specified accuracy. The multimeter needs to be cool down
after measuring current that is more than 10 A. Cool down the meter for twice the duration of the
measured time and use NULL function to zero-out thermal effect before proceeding with lower
current measurement.
4. Input current < 3 Arms.
5. These specifications are for typical performance.
6. For current < 3 Arms and < 5 kHz.
7. Additional error when Frequency is more than 30 kHz: 0.1 of least significant digit x square of
frequency. The bandwidth of U1281A is up to 30 kHz only.
Frequency
Counts of least
significant digit
Formula
Additional error
30 kHz
0.1
0.1 x 30 x 30
90
50 kHz
0.1
0.1 x 50 x 50
250
100 kHz
0.1
0.1 x 100 x 100
1000
8. 6 A and 10 A ranges (connection with A terminal) overload protection by 10 x 38 mm, 11 A / 1000 V,
20 kA minimum fast-acting fuse. 600 µA to 600 mA ranges (connection wth µ.mA terminal) overload
protection by 10 x 35 mm, 440 mA / 1000 V, 10 kA minimum fast-acting fuse.
9. Ensure good ventilation and no heat element close to the meter.


同様の部品番号 - U1280

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1281A KEYSIGHT-U1281A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U1280

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com