データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9122SCPZ-EP データシート(PDF) 6 Page - Analog Devices

部品番号 AD9122SCPZ-EP
部品情報  TxDAC Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9122SCPZ-EP データシート(HTML) 6 Page - Analog Devices

Back Button AD9122SCPZ-EP Datasheet HTML 2Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 3Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 4Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 5Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 6Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 7Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 8Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 9Page - Analog Devices AD9122SCPZ-EP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD9122-EP
Enhanced Product
Rev. 0 | Page 6 of 12
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IFS = 20 mA, maximum sample rate, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
SPURIOUS-FREE DYNAMIC RANGE (SFDR)
f
DAC = 100 MSPS, fOUT = 20 MHz
78
dBc
f
DAC = 200 MSPS, fOUT = 50 MHz
80
dBc
f
DAC = 400 MSPS, fOUT = 70 MHz
69
dBc
f
DAC = 800 MSPS, fOUT = 70 MHz
72
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
f
DAC = 200 MSPS, fOUT = 50 MHz
84
dBc
f
DAC = 400 MSPS, fOUT = 60 MHz
86
dBc
f
DAC = 400 MSPS, fOUT = 80 MHz
84
dBc
f
DAC = 800 MSPS, fOUT = 100 MHz
81
dBc
NOISE SPECTRAL DENSITY (NSD), EIGHT-TONE, 500 kHz TONE SPACING
f
DAC = 200 MSPS, fOUT = 80 MHz
−162
dBm/Hz
f
DAC = 400 MSPS, fOUT = 80 MHz
−163
dBm/Hz
f
DAC = 800 MSPS, fOUT = 80 MHz
−164
dBm/Hz
W-CDMA ADJACENT CHANNEL LEAKAGE RATIO (ACLR), SINGLE-CARRIER
f
DAC = 491.52 MSPS, fOUT = 10 MHz
84
dBc
f
DAC = 491.52 MSPS, fOUT = 122.88 MHz
82
dBc
f
DAC = 983.04 MSPS, fOUT = 122.88 MHz
83
dBc
W-CDMA SECOND ACLR, SINGLE-CARRIER
f
DAC = 491.52 MSPS, fOUT = 10 MHz
88
dBc
f
DAC = 491.52 MSPS, fOUT = 122.88 MHz
86
dBc
f
DAC = 983.04 MSPS, fOUT = 122.88 MHz
88
dBc
Table 5. Maximum Rate (MSPS) with DVDD and CVDD Supply Regulation
Bus Width
Interpolation
Factor
f
INTERFACE (MSPS)
f
DAC (MSPS)
DVDD18, CVDD18 =
DVDD18, CVDD18 =
1.8 V ± 5%
1.8 V ± 2%
1.9 V ± 2%
1.8 V ± 5%
1.8 V ± 2%
1.9 V ± 2%
Nibble (4 Bits)
1000
1100
1130
125
137.5
141.25
1000
1100
1130
250
275
282.5
1000
1100
1130
500
550
565
1000
1100
1130
1000
1100
1130
Byte (8 Bits)
1000
1100
1130
250
275
282.5
1000
1100
1130
500
550
565
1000
1100
1130
1000
1100
1130
500
550
565
1000
1100
1130
Word (16 Bits)
1000
1100
1130
500
550
565
2× (HB1)
800
900
900
800
900
900
2× (HB2)
1000
1100
1130
1000
1100
1130
500
550
565
1000
1100
1130
250
275
282.5
1000
1100
1130


同様の部品番号 - AD9122SCPZ-EP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9122 AD-AD9122 Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122 AD-AD9122 Datasheet
563Kb / 9P
   Interfacing the ADL5375 I/Q Modulator to the AD9122 Dual Channel, 1.2 GSPS High Speed DAC
REV. 0
AD9122 AD-AD9122 Datasheet
707Kb / 8P
   High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9122-M5372-EBZ AD-AD9122-M5372-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
AD9122-M5375-EBZ AD-AD9122-M5375-EBZ Datasheet
1Mb / 56P
   Dual, 16-Bit, 1200 MSPS, TxDAC짰 Digital-to-Analog Converter
REV. 0
More results

同様の説明 - AD9122SCPZ-EP

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9139 AD-AD9139_14 Datasheet
1,018Kb / 56P
   TxDAC Digital-to- Analog Converter
AD9121 AD-AD9121 Datasheet
1Mb / 61P
   TxDAC Digital-to-Analog Converter
AD9146 AD-AD9146_12 Datasheet
914Kb / 56P
   TxDAC Digital-to-Analog Converter
AD9152 AD-AD9152 Datasheet
2Mb / 103P
   TxDAC Digital-to-Analog Converter
AD9139 AD-AD9139 Datasheet
1Mb / 56P
   16-Bit, 1600 MSPS, TxDAC Digital-to- Analog Converter
REV. 0
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
AD9125 AD-AD9125 Datasheet
889Kb / 56P
   Dual, 16-Bit, 1000 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
AD9709 AD-AD9709_09 Datasheet
597Kb / 32P
   8-Bit, 125 MSPS, Dual TxDAC Digital-to-Analog Converter
REV. B
AD9148 AD-AD9148 Datasheet
851Kb / 73P
   Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
Rev. PrA
AD9142 AD-AD9142 Datasheet
1Mb / 65P
   Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com