データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB013N10RJ3-0-T3-G データシート(PDF) 3 Page - Cystech Electonics Corp.

部品番号 MTB013N10RJ3-0-T3-G
部品情報  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB013N10RJ3-0-T3-G データシート(HTML) 3 Page - Cystech Electonics Corp.

  MTB013N10RJ3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB013N10RJ3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C056J3
Issued Date : 2016.11.02
Revised Date :
Page No. : 3/ 9
MTB013N10RJ3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
70
-
mV/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1
-
2.5
V
VDS = VGS, ID=250μA
*GFS
-
23.5
-
S
VDS =10V, ID=10A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
1
VDS =80V, VGS =0V
IDSS
-
-
5
μA
VDS =80V, VGS =0V, Tj=55
°C
-
12.5
16
VGS =10V, ID=15A
*RDS(ON)
-
14.5
20
VGS =4.5V, ID=10A
Dynamic
*Qg
-
55
-
*Qgs
-
9.1
-
*Qgd
-
9.9
-
nC
VDD=80V, ID=15A,VGS=10V
*td(ON)
-
18.2
-
*tr
-
17.2
-
*td(OFF)
-
60
-
*tf
-
8
-
ns
VDD=50V, ID=15A, VGS=10V, RG=1Ω
Ciss
-
3050
-
Coss
-
185
-
Crss
-
14
-
pF
VGS=0V, VDS=50V, f=1MHz
Source-Drain Diode
*IS
-
-
42
*ISM
-
-
168
A
*VSD
-
0.82
1.2
V
IS=15A, VGS=0V
*trr
-
33
-
ns
*Qrr
-
48
-
nC
VGS=0V, IF=15A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


同様の部品番号 - MTB013N10RJ3-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB013N10RE3 CYSTEKEC-MTB013N10RE3 Datasheet
403Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB013N10RE3-0-UB-X CYSTEKEC-MTB013N10RE3-0-UB-X Datasheet
403Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB013N10RH8 CYSTEKEC-MTB013N10RH8 Datasheet
631Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB013N10RQ8 CYSTEKEC-MTB013N10RQ8 Datasheet
485Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB013N10RJ3-0-T3-G

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com