データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12026A データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC12026A
部品情報  1.1GHz Dual Modulus Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12026A データシート(HTML) 1 Page - ON Semiconductor

  MC12026A_16 Datasheet HTML 1Page - ON Semiconductor MC12026A_16 Datasheet HTML 2Page - ON Semiconductor MC12026A_16 Datasheet HTML 3Page - ON Semiconductor MC12026A_16 Datasheet HTML 4Page - ON Semiconductor MC12026A_16 Datasheet HTML 5Page - ON Semiconductor MC12026A_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
August, 2016 − Rev. 9
1
Publication Order Number:
MC12026A/D
MC12026A
1.1GHz Dual Modulus
Prescaler
Description
The MC12026A is a high frequency, low voltage dual modulus
prescaler used in phase-locked loop (PLL) applications.
The MC12026A can be used with CMOS synthesizers requiring
positive edges to trigger internal counters in a PLL to provide tuning
signals up to 1.1 GHz in programmable frequency steps.
A Divide Ratio Control (SW) permits selection of an 8/9 or 16/17
divide ratio as desired.
The Modulus Control (MC) selects the proper divide number after
SW has been biased to select the desired divide ratio.
Features
1.1 GHz Toggle Frequency
Supply Voltage 4.5 to 5.5 V
Low Power 4.0 mA Typical
Operating Temperature Range of −40 to 85°C
The MC12026 is Pin Compatible with the MC12022
Short Setup Time (tset ) 6.0 ns Typical @ 1.1 GHz
Modulus Control Input Level is Compatible with Standard CMOS
and TTL
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Table 1. FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
8
H
L
9
L
H
16
L
L
17
1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
Table 2. MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
Power Supply Voltage, Pin 2
VCC
−0.5 to 7.0
Vdc
Operating Temperature Range
TA
−40 to 85
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Modulus Control Input, Pin 6
MC
−0.5 to 6.5
Vdc
Maximum Output Current, Pin 4
IO
10.0
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
NOTE: ESD data available upon request.
www.onsemi.com
PIN CONNECTIONS
(Top View)
IN
8
IN
VCC
SW
OUT
NC
MC
GND
7
6
5
1
2
3
4
SOIC−8NB
D SUFFIX
CASE
751−07
MARKING DIAGRAM*
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
1
8
026A
ALYW
G
1
8
ORDERING INFORMATION
Device
Package
Shipping
MC12026ADG
SOIC−8NB
(Pb-Free)
98 Units/Tube
MC12026ADR2G
SOIC−8NB
(Pb-Free)
2500/Tape & Reel
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.


同様の部品番号 - MC12026A_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
logo
Motorola, Inc
MC12026AD MOTOROLA-MC12026AD Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026AD ONSEMI-MC12026AD Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026ADG ONSEMI-MC12026ADG Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026ADR2 ONSEMI-MC12026ADR2 Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com