データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBFJ22A データシート(PDF) 1 Page - Dc Components

部品番号 SMBFJ22A
部品情報  RECTIFIER SPECIALISTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCCOM [Dc Components]
ホームページ  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMBFJ22A データシート(HTML) 1 Page - Dc Components

  SMBFJ22A Datasheet HTML 1Page - Dc Components SMBFJ22A Datasheet HTML 2Page - Dc Components SMBFJ22A Datasheet HTML 3Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTIFIER SPECIALISTS
R
FEATURES
* Glass passivated junction
* 600 Watts Peak Pulse Power capability on
10/1000
µs waveform
* Excellent clamping capability
* Low inductance
* Fast response time
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes positive end (cathode)
except bidirectional types
* Mounting position: Any
* Weight: 0.057 gram
SMBFJ6.8A
THRU
SMBFJ550A
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 6.8 to 550Volts
PEAK PULAE POWER - 600 Watts
Dimensions in inches and (millimeters)
Peak Pulse Power Dissipation on 10/1000
µs waveform
(Note1,FIG.1)
Steady State Power Dissipation at TA = 25OC
Lead Lengths .375"(9.5mm) (Note 2)
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load(JEDEC Method) (Note 3)
Operating and Storage Temperature Range
SYMBOL
PPPM
PM(AV)
IFSM
TJ , TSTG
VALUE
600
1.0
100
-55 to + 150
UNITS
Watts
Watts
O
C
Amps
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25OC per Fig. 2.
2. Mounted on Copper Leaf area of 0.5 X 0.5"( 12.7 X 12.7mm ) per Fig. 5
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
DC COMPONENTS CO., LTD.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMBFL
.051(1.3)
.043(1.1)
.007(0.2)
.003(0.1)
.216(5.5)
.200(5.1)
.145(3.7)
.137(3.5)
.086(2.2)
.074(1.9)
.047(1.2)
.039(1.0)
.173(4.4)
.165(4.2)
www.dccomponents.com
1
REV-1,DEC,2015


同様の部品番号 - SMBFJ22A

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
SMBFJ5.0A SUNMATE-SMBFJ5.0A Datasheet
676Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
More results

同様の説明 - SMBFJ22A

メーカー部品番号データシート部品情報
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com