データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1343A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1343A
部品情報  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1343A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1343A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1343A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dedication•Trustworthinese
*Automotive grade
APPLICATION : GPS | GLONASS | GALILEO | BEIDOU | Wearable Device
Size
(mm)
P/N
Frequency
(MHz)
TCXO/XO
Voltage
(V)
Tolerance
(ppm)
TX0408C
TX0360A
TX0279A
TX0275A
TX0358A
TX0455A
TX0203A
TX0395B
TX0486A
TX0627A
TX0590B
26
16.367667
16.367667
16.368
16.368
26
26
26
26
24.576
16.369
1.8
2.85
2.85
2.85
1.8
2.85
2.775
2.8
2.8
3.3
1.7~3.3
±0.5
±0.5
±0.5
±0.5
±0.5
±0.5
±0.5
±0.5
±0.5
±1.5
±2
2.0x1.6
2.5x2.0
3.2x2.5
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
2.5x2.0
2.5x2.0
3.2x2.5
2.5x2.0
Crystal
Size
(mm)
P/N
Frequency
(MHz)
Load Capacitance
(PF)
Tolerance
(ppm)
TZ1006A
TZ2528A
TZ3120A
TZ3108A
TZ1628A
TZ1628C
32.768KHz
32.768KHz
32.768KHz
32.768KHz
26
26
12.5
12.5
9
12.5
19
19
±20
±20
±20
±20
±7
±7
3.2x1.5
2.0x1.2
1.6x1.0
1.6x1.0
3.2x2.5
3.2x2.5
SAW Filter
Size
(mm)
P/N
Frequency
(MHz)
Insertion Loss
(dB)
Band Width
(MHz)
TA0757B (GPS band)
TA0757AB (GPS band)
TA1425A (GPS band)
TA0440A (Car Antenna)
1575.42
1575.42
1574.42
1575.42
0.9
0.9
0.9
2.9
2
2
2
2
1.4x1.1
1.4x1.1
1.4x1.1
3.0x3.0
TA1267A
TA1267E
TA0676A
TA1658A (GNSS)
TA1804A
TA1442A
TA1901A
TA1785A
TA1745A
1588.655
1588.655
1592.5
1582.4
1582.469
2492
1587.5
1583
1583
1.25
1.25
2.6
1.7
1.1
1.55
2
1.8
1.8
46.84
34.47
34.47
43
46.61
1.1X0.9
1.4x1.1
1.4x1.1
3.0x3.0
3.0x3.0
TA1954A
(GPS+GLONASS+COMPASS)
1582.47
1.2
46.834
5
57
46.79
46.79
1.1X0.9
3.0X3.0
2.0x1.6
3.0x3.0
2.0x1.6
TA1343A
(GPS+GLONASS+GALILEO+BEIDOU)
TA1343B
(GPS+GLONASS+GALILEO+BEIDOU)
TA1661A
(GPS+GLONASS+GALILEO+BEIDOU)
1583
1583
1583
1.2
1.2
2.1
46.79
46.79
46.79
1.4x1.1
1.4x1.1
1.4x1.1
*AEC-Q200
*AEC-Q200
*AEC-Q200
*AEC-Q200
*AEC-Q200


同様の部品番号 - TA1343A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1343A TAI-SAW-TA1343A Datasheet
143Kb / 8P
   SAW Filter 1583MHz
logo
Golledge Electronics Lt...
TA1343A GOLLEDGE-TA1343A Datasheet
181Kb / 7P
   SAW Filter: 1583.0MHz
More results

同様の説明 - TA1343A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com