データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1066ASU-REEL7 データシート(PDF) 10 Page - Analog Devices

部品番号 ADM1066ASU-REEL7
部品情報  Multisupply Supervisor/Sequencer with Margining Control and Auxiliary ADC Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1066ASU-REEL7 データシート(HTML) 10 Page - Analog Devices

Back Button ADM1066ASU-REEL7 Datasheet HTML 6Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 7Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 8Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 9Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 10Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 11Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 12Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 13Page - Analog Devices ADM1066ASU-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADM1066
Rev. 0 | Page 10 of 32
14
12
10
8
6
4
2
0
0
15.0
12.5
10.0
7.5
5.0
2.5
ILOAD CURRENT (µA)
Figure 11. VPDO1 (FET Drive Mode) vs. ILOAD
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
06
5
4
3
2
1
ILOAD (mA)
VP1 = 5V
VP1 = 3V
Figure 12. VPDO1 (Strong Pull-Up VP) vs. ILOAD
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
060
50
40
30
20
10
ILOAD (µA)
VP1 = 5V
VP1 = 3V
Figure 13. VPDO1 (Weak Pull-Up to VP) vs. ILOAD
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
4000
1000
2000
3000
0
CODE
Figure 14. DNL for ADC
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
4000
3000
2000
1000
CODE
Figure 15. INL for ADC
12000
10000
8000
6000
4000
2000
0
2049
2048
2047
CODE
81
9894
25
Figure 16. ADC Noise, Midcode Input, 10,000 Reads


同様の部品番号 - ADM1066ASU-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1066ASUZ AD-ADM1066ASUZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL AD-ADM1066ASUZ-REEL Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066ASUZ-REEL7 AD-ADM1066ASUZ-REEL7 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
More results

同様の説明 - ADM1066ASU-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1066ACPZ AD-ADM1066ACPZ Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1066 AD-ADM1066_15 Datasheet
575Kb / 32P
   Super Sequencer with Margining Control and Auxiliary ADC Inputs
Rev. E
ADM1062 AD-ADM1062 Datasheet
1Mb / 32P
   Multisupply Supervisor/Sequencer with Margining Control and Temperature Monitoring
Rev. PrJ
ADM1069 AD-ADM1069 Datasheet
829Kb / 32P
   SUPER SEQUENCER-TM WITH MARGINING CONTROL AND AUXILIARY ADC INPUTS
Rev. PrB
ADM1063 AD-ADM1063_15 Datasheet
512Kb / 32P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. C
ADM1063 AD-ADM1063 Datasheet
412Kb / 36P
   Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
REV. 0
ADM1069ASTZ AD-ADM1069ASTZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069 AD-ADM1069_15 Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1069ACPZ AD-ADM1069ACPZ Datasheet
537Kb / 32P
   Super Sequencer with Margining Control
REV. C
ADM1062ACPZ-REEL7 AD-ADM1062ACPZ-REEL7 Datasheet
629Kb / 36P
   Super Sequencer with Margining Control and Temperature Monitoring
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com