データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW25-12S033 データシート(PDF) 7 Page - Total Power International

部品番号 MJW25-12S033
部品情報  Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJW25-12S033 データシート(HTML) 7 Page - Total Power International

Back Button MJW25-12S033 Datasheet HTML 2Page - Total Power International MJW25-12S033 Datasheet HTML 3Page - Total Power International MJW25-12S033 Datasheet HTML 4Page - Total Power International MJW25-12S033 Datasheet HTML 5Page - Total Power International MJW25-12S033 Datasheet HTML 6Page - Total Power International MJW25-12S033 Datasheet HTML 7Page - Total Power International MJW25-12S033 Datasheet HTML 8Page - Total Power International MJW25-12S033 Datasheet HTML 9Page - Total Power International MJW25-12S033 Datasheet HTML 10Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
Efficiency Curve @25
MJW25-48D12 Efficiency vs Load Current
MJW25-48D15 Efficiency vs Load Current
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measurement bandwidth is 20 MHz, measured with a 1μF MLCC and a 10μF Tantalum Capatitor.
4
All DC/DC converters should be externally fused at the front end for protection.
5
Other input and output voltage may be available, please contact factory.
6
To order the converter with heatsink, please add a suffix -HS (e.g. MJW25-24S05-HS) to order code.
7
The MJW25 series can meet EN61000-4-4 & EN61000-4-5 by adding a capacitor across the input pins.Suggested capacitor:CHEMI-CON KY 220μF/100V.
8
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
9
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
:
25.4x25.4x10.16mm (1.0x1.0x0.4 inches)
Case Material
:
Aluminium Alloy, Black Anodized Coating
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
16.5g
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
36V
48V
75V
5.08
[0.20]
25.4 [1.00]
10.16
[0.40]
10.16
[0.40]
6.0
[0.24]
7.62
[0.30]
1
26
3
45
2.54
[0.10]
Bottom View
10.16 0.5
[0.40 0.02]
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


同様の部品番号 - MJW25-12S033

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MJW25-12S033 MINMAX-MJW25-12S033 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

同様の説明 - MJW25-12S033

メーカー部品番号データシート部品情報
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
   the highest power density for a power supply
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com