データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJW25-12D12 データシート(PDF) 4 Page - Total Power International

部品番号 MJW25-12D12
部品情報  Highest Power Density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJW25-12D12 データシート(HTML) 4 Page - Total Power International

  MJW25-12D12 Datasheet HTML 1Page - Total Power International MJW25-12D12 Datasheet HTML 2Page - Total Power International MJW25-12D12 Datasheet HTML 3Page - Total Power International MJW25-12D12 Datasheet HTML 4Page - Total Power International MJW25-12D12 Datasheet HTML 5Page - Total Power International MJW25-12D12 Datasheet HTML 6Page - Total Power International MJW25-12D12 Datasheet HTML 7Page - Total Power International MJW25-12D12 Datasheet HTML 8Page - Total Power International MJW25-12D12 Datasheet HTML 9Page - Total Power International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MJW25 SERIES
DC/DC CONVERTER 25W, Highest Power Density
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-24S033, MJW25-48S033
Derating Curve without Heatsink
MJW25-24S033, MJW25-48S033
Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-24S05,MJW25-24S12,MJW25-24S15,MJW25-48S05
MJW25-48S12,MJW25-48S15 Derating Curve without Heatsink
MJW25-24S05,MJW25-24S12,MJW25-24S15,MJW25-48S05
MJW25-48S12,MJW25-48S15 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-12S033 Derating Curve without Heatsink
MJW25-12S033 Derating Curve with Heatsink
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
MJW25-12S05, MJW25-12S12, MJW25-12S15, MJW25-12D12
MJW25-12D15, MJW25-24D12, MJW25-24D15,MJW25-48D12,MJW25-48D15
Derating Curve without Heatsink
MJW25-12S05, MJW25-12S12, MJW25-12S15, MJW25-12D12
MJW25-12D15, MJW25-24D12, MJW25-24D15,MJW25-48D12,MJW25-48D15
Derating Curve with Heatsink
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


同様の部品番号 - MJW25-12D12

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MJW25-12D12 MINMAX-MJW25-12D12 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results

同様の説明 - MJW25-12D12

メーカー部品番号データシート部品情報
logo
Recom International Pow...
RS6 RECOM-RS6 Datasheet
402Kb / 7P
   Highest Power Density In SIP Package
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
logo
SL Power Electronics
MINT1175 SLPOWER-MINT1175_15 Datasheet
1Mb / 8P
   the highest power density for a power supply
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com