データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJWI10-24D15 データシート(PDF) 4 Page - Total Power International

部品番号 MJWI10-24D15
部品情報  Shielded Metal Case with Isolated Baseplate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI10-24D15 データシート(HTML) 4 Page - Total Power International

  MJWI10-24D15 Datasheet HTML 1Page - Total Power International MJWI10-24D15 Datasheet HTML 2Page - Total Power International MJWI10-24D15 Datasheet HTML 3Page - Total Power International MJWI10-24D15 Datasheet HTML 4Page - Total Power International MJWI10-24D15 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MJWI10 SERIES
DC/DC CONVERTER 10W, High Power Density
Heatsink (Option –HS)
Mechanical Dimensions
Heatsink Material: Aluminum
Finish: Anodic treatment (black)
Weight: 2g
The advantages of adding a heatsink are:
1.To help heat dissipation and increase the stability
and reliability of DC/DC converters at high
operating temperature atmosphere.
2.To upgrade the operating temperature of DC/DC
converters, please refer to Derating Curve.
17.46
[0.69] Max.
31.0 [1.22] Max.
Heat-Sink
Thermal Pad
Clamp
Converter
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


同様の部品番号 - MJWI10-24D15

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MJWI10-24D15 MINMAX-MJWI10-24D15 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
More results

同様の説明 - MJWI10-24D15

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
AXA ARTESYN-AXA Datasheet
415Kb / 2P
   Metal case with isolated baseplate
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
VS-ST330C VISHAY-VS-ST330C Datasheet
221Kb / 8P
   Metal case with ceramic insulator
Revision: 20-Dec-13
logo
Nell Semiconductor Co.,...
2180PT NELLSEMI-2180PT Datasheet
1Mb / 6P
   Metal Case With Ceramic insulator
3000PT NELLSEMI-3000PT Datasheet
543Kb / 2P
   Metal Case With Ceramic insulator
1300PT NELLSEMI-1300PT Datasheet
1Mb / 5P
   Metal Case With Ceramic insulator
logo
Vishay Siliconix
VS-ST330CL VISHAY-VS-ST330CL Datasheet
185Kb / 8P
   Metal case with ceramic insulator
Revision: 04-Aug-14
VS-ST733CL VISHAY-VS-ST733CL Datasheet
352Kb / 10P
   Metal case with ceramic insulator
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com