データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJWI10-48S051 データシート(PDF) 1 Page - Total Power International

部品番号 MJWI10-48S051
部品情報  Shielded Metal Case with Isolated Baseplate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI10-48S051 データシート(HTML) 1 Page - Total Power International

  MJWI10-48S051 Datasheet HTML 1Page - Total Power International MJWI10-48S051 Datasheet HTML 2Page - Total Power International MJWI10-48S051 Datasheet HTML 3Page - Total Power International MJWI10-48S051 Datasheet HTML 4Page - Total Power International MJWI10-48S051 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Package Size 1.0”x1.0”x0.4”
Ultra-wide 4:1 Input Range
High Efficiency up to 87%
Operating Temp. Range -40°C to +80°C
I/O-isolation Voltage 1500VDC
Remote On/Off Control
Input Filter complies to EN55022,Class A & FCC,Level A
Shielded Metal Case with Isolated Baseplate
CSA/UL/IEC/EN 60950-1 Safety Approval
3 Years Product Warranty
PRODUCT OVERVIEW
The MJWI10 series are cost optimized dc-dc converter modules offering 10W output power in a 1”x1”x0.4” shielded metal package with industry standard
pinout. All models provide ultra-wide 4:1 input voltage range and tight output voltage regulation.
State-of-the-art circuit topology provides a high efficiency up to 87% which allows an operating temperature range of -40°C to +80°C. Further features
include remote On/Off, overload protection and conducted EMI compliance to EN55022, class A.
Typical applications for these converters are battery operated equipment, instrumentation, distributed power architectures in communication and industrial
electronics and other space critical applications.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
@Max. Load
@No Load
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MJWI10-24S033
3.3
2200
352
560
86
MJWI10-24S05
5
2000
496
560
84
MJWI10-24S051
5.1
2000
506
560
84
MJWI10-24S12
12
830
483
150
86
MJWI10-24S15
15
660
474
150
87
MJWI10-24S24
24
410
477
68
86
MJWI10-24D05
±5
±1000
496
220#
84
MJWI10-24D12
±12
±410
477
100#
86
MJWI10-24D15
24
(9 ~ 36)
±15
±330
474
30
100#
87
MJWI10-48S033
3.3
2200
180
560
85
MJWI10-48S05
5
2000
248
560
84
MJWI10-48S051
5.1
2000
253
560
84
MJWI10-48S12
12
830
241
150
86
MJWI10-48S15
15
660
237
150
87
MJWI10-48S24
24
410
238
68
86
MJWI10-48D05
±5
±1000
248
220#
84
MJWI10-48D12
±12
±410
238
100#
86
MJWI10-48D15
48
(18 ~ 75)
±15
±330
237
20
100#
87
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
---
---
9
Start-Up Threshold Voltage
48V Input Models
---
---
18
24V Input Models
---
---
8.5
Under Voltage Shutdown
48V Input Models
---
---
17
VDC
Reverse Polarity Input Current
---
---
1.5
A
Short Circuit Input Power
---
2500
---
mW
Internal Power Dissipation
---
---
5000
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


同様の部品番号 - MJWI10-48S051

メーカー部品番号データシート部品情報
logo
Minmax Technology Co., ...
MJWI10-48S051 MINMAX-MJWI10-48S051 Datasheet
346Kb / 5P
   DC/DC CONVERTER 10W, High Power Density
More results

同様の説明 - MJWI10-48S051

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
AXA ARTESYN-AXA Datasheet
415Kb / 2P
   Metal case with isolated baseplate
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
VS-ST330C VISHAY-VS-ST330C Datasheet
221Kb / 8P
   Metal case with ceramic insulator
Revision: 20-Dec-13
logo
Nell Semiconductor Co.,...
2180PT NELLSEMI-2180PT Datasheet
1Mb / 6P
   Metal Case With Ceramic insulator
3000PT NELLSEMI-3000PT Datasheet
543Kb / 2P
   Metal Case With Ceramic insulator
1300PT NELLSEMI-1300PT Datasheet
1Mb / 5P
   Metal Case With Ceramic insulator
logo
Vishay Siliconix
VS-ST330CL VISHAY-VS-ST330CL Datasheet
185Kb / 8P
   Metal case with ceramic insulator
Revision: 04-Aug-14
VS-ST733CL VISHAY-VS-ST733CL Datasheet
352Kb / 10P
   Metal case with ceramic insulator
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com