データシートサーチシステム |
|
MJW25-48D12 データシート(PDF) 4 Page - Total Power International |
|
MJW25-48D12 データシート(HTML) 4 Page - Total Power International |
4 / 10 page MJW25 SERIES DC/DC CONVERTER 25W, Highest Power Density Power Derating Curve ~ Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural Convection 20LFM C MJW25-24S033, MJW25-48S033 Derating Curve without Heatsink MJW25-24S033, MJW25-48S033 Derating Curve with Heatsink ~ Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural Convection 20LFM C MJW25-24S05,MJW25-24S12,MJW25-24S15,MJW25-48S05 MJW25-48S12,MJW25-48S15 Derating Curve without Heatsink MJW25-24S05,MJW25-24S12,MJW25-24S15,MJW25-48S05 MJW25-48S12,MJW25-48S15 Derating Curve with Heatsink ~ Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural Convection 20LFM C MJW25-12S033 Derating Curve without Heatsink MJW25-12S033 Derating Curve with Heatsink ~ Ambient Temperature 0 20 40 60 80 100 -40 0 20 60 100 110 80 40 400LFM 200LFM 100LFM Natural Convection 20LFM C MJW25-12S05, MJW25-12S12, MJW25-12S15, MJW25-12D12 MJW25-12D15, MJW25-24D12, MJW25-24D15,MJW25-48D12,MJW25-48D15 Derating Curve without Heatsink MJW25-12S05, MJW25-12S12, MJW25-12S15, MJW25-12D12 MJW25-12D15, MJW25-24D12, MJW25-24D15,MJW25-48D12,MJW25-48D15 Derating Curve with Heatsink Tota Total Power International, Inc. Total Power In Total Power International, Inc Toll Free: 877-646-0900 www.total-power.com |
同様の部品番号 - MJW25-48D12 |
|
同様の説明 - MJW25-48D12 |