データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM130120 データシート(PDF) 4 Page - Davicom Semiconductor, Inc.

部品番号 DM130120
部品情報  15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DAVICOM [Davicom Semiconductor, Inc.]
ホームページ  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM130120 データシート(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM130120 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM130120 Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DM130120
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
Preliminary
Doc No: DM130120-11-MCO-DS-P01
July 11, 2016
4
2
Features
l
Operating voltage 2.2V ~ 5.5V
l
Selectable 15V or 30V driving voltage for EPD
l
120 SEG + 1 COM + 1 Background
l
DC-DC charge pump circuit
l
ON chip RC oscillator
l
2-wires serial interface
l
SPI interface
l
Voltage regulator
l
Synchronous serial signal(Maximum 4 chips cascadable)


同様の部品番号 - DM130120

メーカー部品番号データシート部品情報
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
More results

同様の説明 - DM130120

メーカー部品番号データシート部品情報
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Maxim Integrated Produc...
MAXM17537EVKIT MAXIM-MAXM17537EVKIT Datasheet
1,004Kb / 11P
   MAXM17537 15V Output
Rev 0; 10/19
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
IXYS Corporation
MX860 IXYS-MX860 Datasheet
217Kb / 2P
   /-15V ePaper Source Driver
logo
Integrated Silicon Solu...
IS31FL3236 ISSI-IS31FL3236 Datasheet
575Kb / 15P
   36 CHANNELS LED DRIVER
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
   Three Channels Video Driver
logo
AMtek SEMICONDUCTORS CO...
AM1219S AMTEK-AM1219S Datasheet
614Kb / 13P
   Three Channels Power Driver
Sep. 2014 V1.0
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
   18 CHANNELS LED DRIVER
logo
AMtek SEMICONDUCTORS CO...
AM1217S AMTEK-AM1217S Datasheet
597Kb / 13P
   Three Channels Power Driver
Sep. 2014 V1.0
logo
Global Mixed-mode Techn...
G5968B GMT-G5968B Datasheet
109Kb / 2P
   8-Channels LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com