データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTV018 データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 MTV018
部品情報  Super On-Screen-Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

MTV018 データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MTV018 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 13Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 14Page - List of Unclassifed Manufacturers MTV018 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11/16
MTV018 Revision 4.0 10/21/1999
MTV018
MYSON
TECHNOLOGY
FBKGC - Define the output configuration for FBKG pin. When it is set to "0", the FBKG outputs during the dis-
playing of characters or windows, otherwise, it outputs only during the displaying of characters.
TEST -
= 0
⇒ Normal mode.
= 1
⇒ Test mode, not allowed in applications.
FBKGP - Select the polarity of the output pin FBKG
= 1
⇒Positive polarity FBKG output is selected.
= 0
⇒Negative polarity FBKG output is selected.
The initial value is 1 after power up.
PWMCK - Select the output options to HTONE/PWMCK pin.
= 0
⇒ HTONE option is selected.
= 1
⇒ PWMCK option is selected with 50/50 duty cycle and synchronous with the input HFLB.
The frequency is selected by (VCO1, VCO0) shown as Table 4 on page 12.
The initial value is 0 after power up.
SELVCL - Enable auto detection for horizontal and vertical syncs input edge distorition while the bit is set to
"1". The initial value is 0 after power up.
HSP -
= 1
⇒ Accept positive polarity Hsync input.
= 0
⇒ Accept negative polarity Hsync input.
VSP -
= 1
⇒ Accept positive polarity Vsync input.
= 0
⇒ Accept negative polarity Vsync input.
VCO1, VCO0 - Select the appropriate curve partitions of VCO frequency to voltage based on HFLB input and
horizontal resolution register (HORR).
(i) 12K ohm:
= (0, 0)
⇒ 6MHz < Pixel rate < 12MHz
= (0, 1)
⇒ 12MHz < Pixel rate < 24MHz
= (1, 0)
⇒ 24MHz < Pixel rate < 48MHz
= (1, 1)
⇒ 48MHz < Pixel rate < 96MHz
(ii) 11K ohm:
= (0, 0)
⇒ 6.5MHz < Pixel rate < 13MHz
= (0, 1)
⇒ 13MHz < Pixel rate < 26MHz
= (1, 0)
⇒ 26MHz < Pixel rate < 52MHz
= (1, 1)
⇒ 52MHz < Pixel rate < 96MHz
(iii)10K ohm:
= (0, 0)
⇒ 7MHz < Pixel rate < 14MHz
= (0, 1)
⇒ 14MHz < Pixel rate < 28MHz
= (1, 0)
⇒ 28MHz < Pixel rate < 56MHz
= (1, 1)
⇒ 56MHz < Pixel rate < 96MHz
(iv)9.1K ohm:
= (0, 0)
⇒ 7.5MHz < Pixel rate < 15MHz
= (0, 1)
15MHz < Pixel rate < 30MHz
= (1, 0)
30MHz < Pixel rate < 60MHz
= (1, 1)
60MHz < Pixel rate < 96MHz
(v)8.2K ohm:
= (0, 0)
8MHz < Pixel rate < 16MHz
= (0, 1)
16MHz < Pixel rate < 32MHz
Column 18
B7
b6
b5
b4
b3
b2
b1
b0
TEST
FBKGP
PWMCK
SELVCL
HSP
VSP
VCO1
VCO0


同様の部品番号 - MTV018

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV012A ETC-MTV012A Datasheet
102Kb / 14P
   8051 Embedded CRT Monitor Controller Mask Version
MTV012E ETC-MTV012E Datasheet
104Kb / 14P
   8051 Embedded CRT Monitor Controller OTP Version
MTV016 ETC-MTV016 Datasheet
104Kb / 11P
   Enhanced On-Screen-Display Controller
More results

同様の説明 - MTV018

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MTV021 ETC-MTV021 Datasheet
205Kb / 17P
   Enhanced Super On-Screen Display
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
New Japan Radio
NJM2214 NJRC-NJM2214 Datasheet
227Kb / 6P
   VIDEO ON-SCREEN DISPLAY
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90096 FUJITSU-MB90096 Datasheet
367Kb / 36P
   On-screen Display Controller
logo
List of Unclassifed Man...
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com