データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CA723C データシート(PDF) 4 Page - Harris Corporation

部品番号 CA723C
部品情報  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723C データシート(HTML) 4 Page - Harris Corporation

  CA723C Datasheet HTML 1Page - Harris Corporation CA723C Datasheet HTML 2Page - Harris Corporation CA723C Datasheet HTML 3Page - Harris Corporation CA723C Datasheet HTML 4Page - Harris Corporation CA723C Datasheet HTML 5Page - Harris Corporation CA723C Datasheet HTML 6Page - Harris Corporation CA723C Datasheet HTML 7Page - Harris Corporation CA723C Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-6
CA723, CA723C
FIGURE 6. CURRENT LIMITING CHARACTERISTICS
FIGURE 7. QUIESCENT CURRENT vs INPUT VOLTAGE
FIGURE 8. MAX LOAD CURRENT vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE
FIGURE 9. MAX LOAD CURRENT vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE FOR CA723CE
FIGURE 10. LOAD REGULATION WITHOUT CURRENT LIMIT-
ING
FIGURE 11. LOAD REGULATION WITH CURRENT LIMITING
Typical Performance Curves (CA723) (Continued)
OUTPUT CURRENT (mA)
1.2
1.0
0.8
0.6
0.4
0.2
0
20
40
60
80
100
0
OUTPUT VOLTAGE (VO) = REFERENCE
LOAD CIRCUIT (IL)= 0
VOLTAGE (VREF)
INPUT VOLTAGE (V)
5
4
3
2
1
0
010
20
30
40
AMBIENT TEMPERATURE (TA) = -55
oC
+25oC
+125oC
MAX. JUNCTION TEMP. (TJ) = +150
oC
QUIESCENT DISSIPATION (PQ) = 60mW
TO-5 STYLE PACKAGE WITH NO HEAT SINK
THERMAL RESISTANCE = 150oC/W
AMBIENT TEMPERATURE (TA) = +25
oC
+70oC
150
100
50
0
010
20
30
40
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
150
100
50
0
010
20
30
40
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
+70oC
AMBIENT TEMPERATURE (TA) = +25
oC
MAX. JUNCTION TEMP. (TJ) = +125
oC
QUIESCENT DISSIPATION (PQ) = 60mW
DUAL - IN - LINE PLASTIC PACKAGE
THERMAL RESISTANCE = 125oC/W
WITH NO HEAT SINK
AMBIENT TEMPERATURE (TA) = +25
oC
+70oC
0oC
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
INPUT VOLTAGE (VI) = 12V
0
-0.1
-0.2
0
20
40
60
80
100
OUTPUT CURRENT (mA)
AMBIENT TEMPERATURE (TA) = +25
oC
+70oC
0oC
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 10Ω
INPUT VOLTAGE (VI) = 12V
0
-0.1
-0.2
OUTPUT CURRENT (mA)
010
20
30


同様の部品番号 - CA723C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA723C INTERSIL-CA723C Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

同様の説明 - CA723C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com