データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1550TG-G データシート(PDF) 1 Page - Supertex, Inc

部品番号 TC1550TG-G
部品情報  N- and P-Channel Enhancement-Mode Dual MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUTEX [Supertex, Inc]
ホームページ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC1550TG-G データシート(HTML) 1 Page - Supertex, Inc

  TC1550TG-G Datasheet HTML 1Page - Supertex, Inc TC1550TG-G Datasheet HTML 2Page - Supertex, Inc TC1550TG-G Datasheet HTML 3Page - Supertex, Inc TC1550TG-G Datasheet HTML 4Page - Supertex, Inc TC1550TG-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
TC1550
Features
500V breakdown voltage
Independent N- and P-channels
Electrically isolated N- and P-channels
Low input capacitance
Fast switching speeds
Free from secondary breakdowns
Low input and output leakage
Applications
High voltage pulsers
Amplifiers
Buffers
Piezoelectric transducer drivers
General purpose line drivers
General Description
The Supertex TC1550 consists of a high voltage N-channel and
P-channel MOSFET in an 8-Lead SOIC package. This is an
enhancement-mode (normally-off) transistor utilizing an advanced
vertical DMOS structure and Supertex’s well-proven silicon-gate
manufacturing process. This combination produces a device with
the power handling capabilities of bipolar transistors and with the
high input impedance and positive temperature coefficient inherent
in MOS devices. Characteristic of all MOS structures, this device
is free from thermal runaway and thermally induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
N- and P-Channel
Enhancement-Mode Dual MOSFET
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55°C to + 150°C
Soldering temperature*
300°C
Device
Package Option
BV
DSS/BVDGS
R
DS(ON)
(Max)
8-Lead SOIC
4.90x3.90mm body
1.75mm height (max)
1.27mm pitch
N-Channel
(V)
P-Channel
(V)
N-Channel
(Ω)
P-Channel
(Ω)
TC1550
TC1550TG-G
500
-500
60
125
Pin Configuration
Ordering Information
GP
SP
GN
SN
DP
DP
DN
DN
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
C1550
L L L L
8-Lead SOIC (TG)
(top view)
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
*
Distance of 1.6mm from case for 10 seconds.
8-Lead SOIC (TG)


同様の部品番号 - TC1550TG-G

メーカー部品番号データシート部品情報
logo
Supertex, Inc
TC1550TG-G SUTEX-TC1550TG-G Datasheet
385Kb / 5P
   N- and P-Channel Enhancement-Mode Dual MOSFET
More results

同様の説明 - TC1550TG-G

メーカー部品番号データシート部品情報
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com