データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU1ATH5WNVX-1 データシート(PDF) 1 Page - Rohm

部品番号 BU1ATH5WNVX-1
部品情報  FULL CMOS LDO Regulator (500mA)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU1ATH5WNVX-1 データシート(HTML) 1 Page - Rohm

  BU1ATH5WNVX-1 Datasheet HTML 1Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 2Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 3Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 4Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 5Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 6Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 7Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 8Page - Rohm BU1ATH5WNVX-1 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
1/20
14.Dec.2015.Rev.004
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0GBG0A600020-1-2
CMOS LDO Regulator for Portable Equipments
High Ripple Rejection,
Low Current Consumption,
Versatile Package
FULL CMOS LDO Regulator (500mA)
BUXXTH5WNVX
General Description
BUXXTH5WNVX is high-performance FULL CMOS
regulator with 500-mA output, which is mounted on
versatile package SSON004X1010 (1.00mm
× 1.00 mm
× 0.60mm). It has excellent ripple rejection, noise
characteristics and load responsiveness characteristics
despite its low circuit current consumption of 10
µA. It is
most appropriate for various applications such as power
supplies for logic IC, RF, and camera modules.
Features
High accuracy detection
High ripple rejection
low current consumption
Compatible with small ceramic capacitor
(Cin=Co=1.0uF)
With built-in output discharge circuit
ON/OFF control of output voltage
With built-in over current protection circuit
Typical Application Circuit
Key Specifications
Load Current:
500mA
Accuracy output voltage:
±1.0%
Power Supply rejection Ratio:
80dB@1KHz
Low current consumption:
10µA (TYP)
Operating temperature range:
-20°C to +85°C
Applications
Smartphone, Battery-powered portable equipment, etc.
Package
SSON004X1010 :
1.00mm x 1.00mm x 0.60mm
Figure 1. Application Circuit
VIN
GND
CE
GND
GND
VOUT
VOUT
VIN
1.0µF
CE
1.0µF


同様の部品番号 - BU1ATH5WNVX-1

メーカー部品番号データシート部品情報
logo
Rohm
BU1ATD2WNVX-XTL ROHM-BU1ATD2WNVX-XTL Datasheet
566Kb / 12P
   high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
More results

同様の説明 - BU1ATH5WNVX-1

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com