データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU28JA2MNVX-TL データシート(PDF) 3 Page - Rohm

部品番号 BU28JA2MNVX-TL
部品情報  Ultra-Small Package FULL CMOS LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU28JA2MNVX-TL データシート(HTML) 3 Page - Rohm

  BU28JA2MNVX-TL Datasheet HTML 1Page - Rohm BU28JA2MNVX-TL Datasheet HTML 2Page - Rohm BU28JA2MNVX-TL Datasheet HTML 3Page - Rohm BU28JA2MNVX-TL Datasheet HTML 4Page - Rohm BU28JA2MNVX-TL Datasheet HTML 5Page - Rohm BU28JA2MNVX-TL Datasheet HTML 6Page - Rohm BU28JA2MNVX-TL Datasheet HTML 7Page - Rohm BU28JA2MNVX-TL Datasheet HTML 8Page - Rohm BU28JA2MNVX-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
BUxxJA2MNVX-C series
3/17
TSZ02201-0G5G0A300030-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
11.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VIN
-0.3 to +6.5
V
STBY Voltage
VSTBY
-0.3 to +6.5
V
Power Dissipation
SSON004R1010
Pd
0.69 (Note1)
W
Operating Temperature Range
Topr
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum junction temperature
Tjmax
+150
°C
(Note1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.52mW per 1°C above 25°C
Recommended Operating Range
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VIN
1.7
6.0
V
STBY Voltage
VSTBY
0.0
6.0
V
Maximum Output Current
IOUT
-
200
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Input Capacitor
CIN
0.22
(Note2)
0.47
-
µF
Ceramic capacitor recommended
Output Capacitor
CO
0.22
(Note2)
0.47
-
µF
Ceramic capacitor recommended
(Note2) Caution that the capacitance to be kept higher than this specified values under all conditions considering temperature, DC bias, etc.


同様の部品番号 - BU28JA2MNVX-TL

メーカー部品番号データシート部品情報
logo
Rohm
BU2871FS ROHM-BU2871FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2872AK ROHM-BU2872AK Datasheet
49Kb / 4P
   FL tube driver
BU2878FS ROHM-BU2878FS Datasheet
132Kb / 8P
   On-screen display for VCRs
BU2879AK ROHM-BU2879AK Datasheet
51Kb / 5P
   FL tube driver
BU2880 ROHM-BU2880 Datasheet
96Kb / 7P
   Digital servo controller for VCRs
More results

同様の説明 - BU28JA2MNVX-TL

メーカー部品番号データシート部品情報
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BHXXRB1WGUT ROHM-BHXXRB1WGUT_09 Datasheet
304Kb / 9P
   Ultra Small Package CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com