データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D00FCFFJ-E2 データシート(PDF) 1 Page - Rohm

部品番号 D00FCFFJ-E2
部品情報  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

D00FCFFJ-E2 データシート(HTML) 1 Page - Rohm

  D00FCFFJ-E2 Datasheet HTML 1Page - Rohm D00FCFFJ-E2 Datasheet HTML 2Page - Rohm D00FCFFJ-E2 Datasheet HTML 3Page - Rohm D00FCFFJ-E2 Datasheet HTML 4Page - Rohm D00FCFFJ-E2 Datasheet HTML 5Page - Rohm D00FCFFJ-E2 Datasheet HTML 6Page - Rohm D00FCFFJ-E2 Datasheet HTML 7Page - Rohm D00FCFFJ-E2 Datasheet HTML 8Page - Rohm D00FCFFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/38
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
TSZ22111 • 14 • 001
www.rohm.com
Single-Output LDO Regulators
35V Withstand Voltage
1A LDO Regulators
BDxxFC0 series
●Description
The BDxxFC0 series are low-saturation regulators. The
series’ output voltages are Variable, 3.0V, 3.3V, 5.0V, 6.0V,
7.0V, 8.0V, 9.0V, 10.0V, 12.0V and 15.0V and packages
are HTSOP-J8, TO252-3, and TO252-5. This series has a
built-in over-current protection circuit that prevents the
destruction of the IC due to output short circuits and a
thermal shutdown circuit that protects the IC from thermal
damage due to overloading.
●Key Specifications
1) Output current capability: 1A
2) Output voltage: Variable, 3.0V, 3.3V, 5.0V, 6.0V, 7.0V,
8.0V, 9.0V, 10.0V, 12.0V and 15.0V
3) High output voltage accuracy (Ta=25℃): ±1%
4) Low saturation with PDMOS output
5) Built-in over-current protection circuit that prevents the
destruction of the IC due to output short circuits
6) Built-in thermal shutdown circuit for protecting the IC
from thermal damage due to overloading
7) Available Ceramic Capacitor to prevent oscillation
8) HTSOP-J8, TO252-3 and TO252-5 packages
●Features
Output Voltage:
1.0V to 15.0V
Output Voltage Precision(Ta=25℃):
±1%
Supply Voltage(VO≧3.0V):
VO+1.0V to 26.5V
Supply Voltage(VO<3.0V):
4.0V to 26.5V
Output Current:
1A
Operating Temperature Range:
-25℃≦Ta≦+85℃
●Packages
(Typ)
(Typ)
(Max)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
TO252-3
6.50mm x 9.50mm x 2.50mm
TO252-5
6.50mm x 9.50mm x 2.50mm
●Ordering part number
B D
x
x
F
C
0
W
x
x
x
-
E 2
Part
Number
Output
voltage
00: Variable
30: 3.0V
33: 3.3V
50: 5.0V
60: 6.0V
70: 7.0V
80: 8.0V
90: 9.0V
J0: 10.0V
J2: 12.0V
J5: 15.0V
Input
Voltage
F:35V
Output
Current
C0:1.0A
Shutdown
Mode
“W”: Included
shutdown mode
None: Without
shutdown mode
Package
EFJ: HTSOP-J8
FP: TO252-3/5
Packaging and forming specification
E2: Emboss tape reel


同様の部品番号 - D00FCFFJ-E2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
   Durable, rugged construction
More results

同様の説明 - D00FCFFJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com