データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D00FCFFJ-E2 データシート(PDF) 9 Page - Rohm

部品番号 D00FCFFJ-E2
部品情報  35V Withstand Voltage 1A LDO Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

D00FCFFJ-E2 データシート(HTML) 9 Page - Rohm

Back Button D00FCFFJ-E2 Datasheet HTML 5Page - Rohm D00FCFFJ-E2 Datasheet HTML 6Page - Rohm D00FCFFJ-E2 Datasheet HTML 7Page - Rohm D00FCFFJ-E2 Datasheet HTML 8Page - Rohm D00FCFFJ-E2 Datasheet HTML 9Page - Rohm D00FCFFJ-E2 Datasheet HTML 10Page - Rohm D00FCFFJ-E2 Datasheet HTML 11Page - Rohm D00FCFFJ-E2 Datasheet HTML 12Page - Rohm D00FCFFJ-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Datasheet
Datasheet
9/38
BDxxFC0 Series
TSZ02201-0G2G0A600040-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
16.May.2016 Rev.004
www.rohm.com
TSZ22111・15・001
●Thermal Resistance
Parameter
Symbol
Thermal Resistance (Typ)
Unit
1s(Note 3)
2s2p(Note 4)
HTSOP-J8
Junction to Ambient
θJA
206.4
45.2
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
21
13
°C/W
TO252-5 / TO252-3
Junction to Ambient
θJA
115.3
20.8
°C/W
Junction to Top Characterization Parameter(Note 2)
ΨJT
14
3
°C/W
(Note 1)Based on JESD51-2A(Still-Air)
(Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3)Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70μm
(Note 4)Using a PCB board based on JESD51-5, 7.
Layer Number of
Measurement Board
Material
Board Size
Thermal Via (Note 5)
Pitch
Diameter
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
1.20mm
Φ0.30mm
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70μm
74.2mm x 74.2mm
35μm
74.2mm x 74.2mm
70μm
(Note 5) This thermal via connects with the copper pattern of all layers


同様の部品番号 - D00FCFFJ-E2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
   Durable, rugged construction
More results

同様の説明 - D00FCFFJ-E2

メーカー部品番号データシート部品情報
logo
Rohm
BDXXFC0 ROHM-BDXXFC0 Datasheet
1Mb / 41P
   35V Withstand Voltage 1A LDO Regulators
10.Jan.2017 Rev.005
BDXXFD0 ROHM-BDXXFD0 Datasheet
1Mb / 31P
   35V Voltage Resistance 2A LDO Regulators
09.Sep.2019 Rev.003
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Sirectifier Global Corp...
MT1118 SIRECT-MT1118 Datasheet
162Kb / 5P
   1A LDO LINEAR VOLTAGE / REGULATORS
MT1117 SIRECT-MT1117 Datasheet
149Kb / 4P
   1A LDO LINEAR VOLTAGE / REGULATORS
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Rohm
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
logo
Shenzhen Huazhimei Semi...
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
HM6118 HMSEMI-HM6118 Datasheet
720Kb / 16P
   1A Adjustable Voltage High Speed LDO Regulators HM6118 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com