データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NBSG86AMNG データシート(PDF) 6 Page - ON Semiconductor

部品番号 NBSG86AMNG
部品情報  2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86AMNG データシート(HTML) 6 Page - ON Semiconductor

Back Button NBSG86AMNG Datasheet HTML 2Page - ON Semiconductor NBSG86AMNG Datasheet HTML 3Page - ON Semiconductor NBSG86AMNG Datasheet HTML 4Page - ON Semiconductor NBSG86AMNG Datasheet HTML 5Page - ON Semiconductor NBSG86AMNG Datasheet HTML 6Page - ON Semiconductor NBSG86AMNG Datasheet HTML 7Page - ON Semiconductor NBSG86AMNG Datasheet HTML 8Page - ON Semiconductor NBSG86AMNG Datasheet HTML 9Page - ON Semiconductor NBSG86AMNG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NBSG86A
http://onsemi.com
6
Table 10. DC CHARACTERISTICS, INPUT WITH LVPECL OUTPUT VCC = 2.5 V; VEE = 0 V, TA = −40°C to +85°C (Note 8)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
POWER SUPPLY CURRENT
IEE
Negative Power Supply Current
23
30
39
23
30
39
23
30
39
mA
LVPECL OUTPUTS (Note 9)
VOH
Output HIGH Voltage
1460
1510
1560
1490
1540
1590
1515
1565
1615
mV
VOL
Output LOW Voltage
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
555
1235
775
1455
1005
705
1295
895
1505
1095
855
1385
1015
1585
1215
595
1270
810
1490
1040
745
1330
930
1540
1130
895
1420
1050
1620
1250
625
1295
840
1510
1065
775
1355
960
1560
1155
925
1445
1080
1640
1275
mV
VOUTPP
Output Voltage Amplitude
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS = FLOAT)
(OLS = VCC − 1.2 V)
(OLS = VEE)
670
125
510
0
325
800
215
615
5
415
660
120
505
0
320
795
210
610
0
410
655
120
500
0
320
790
210
605
5
410
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE−ENDED (Figures 11 & 13) (Note 10)
VIH
Input HIGH Voltage (Single−Ended)
D, D, SEL, SEL
1200
VCC
1200
VCC
1200
VCC
mV
VIL
Input LOW Voltage (Single−Ended)
D, D, SEL, SEL
0
VCC
150
0
VCC
150
0
VCC
150
mV
Vth
Input Threshold Reference Voltage
Range (Note 11)
950
VCC
–75
950
VCC
–75
950
VCC
–75
mV
VISE
Single−Ended Input Voltage (VIH
VIL)
150
2600
150
2600
150
260
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 12 & 14) (Note 12)
VIHD
Differential Input HIGH Voltage (D, D,
SEL, SEL)
1200
VCC
1200
VCC
1200
VCC
mV
VILD
Differential Input LOW Voltage (D, D,
SEL, SEL)
0
VCC
75
0
VCC
75
0
VCC
75
mV
VID
Differential Input Voltage (VIHD
VILD) (D, D, SEL, SEL)
75
2600
75
2600
75
2600
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 13) (Figure 15)
1200
2500
1200
2500
1200
2500
mV
IIH
Input HIGH Current (@VIH)
D, D
SEL, SEL
30
5
100
50
30
5
100
50
30
5
100
50
mA
IIL
Input LOW Current (@VIL)
D, D
SEL, SEL
20
5
100
50
20
5
100
50
20
5
100
50
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC.
9. LVPECL outputs loaded with 50
W to VCC − 2 V for proper operation.
10. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
11. Vth is applied to the complementary input when operating in single−ended mode. Vth = (VIH − VIL) / 2.
12. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differen-
tial input signal.


同様の部品番号 - NBSG86AMNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86AMNG ONSEMI-NBSG86AMNG Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86AMNG ONSEMI-NBSG86AMNG Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
More results

同様の説明 - NBSG86AMNG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A_06 Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A_18 Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NB7L86A ONSEMI-NB7L86A Datasheet
395Kb / 18P
   2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
December, 2019 ??Rev. 0
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com