データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC24DT3 データシート(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

部品番号 LC24DT3
部品情報  LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
ホームページ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC24DT3 データシート(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC24DT3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC24DT3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC24DT3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC24DT3
LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
Features
Ultra low leakage: nA level
Operating voltage: 24V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 12A (8/20μs)
RoHS Compliant
Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet
Dimensions SOT-23
Pin Configuration
Mechanical Characteristics
Package: SOT-23
Lead Finish: Lead Free
UL Flammability Classification Rating 94V-0
Quantity Per Reel:3,000pcs
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
500
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTJ
-55 to +150


同様の部品番号 - LC24DT3

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
LC24 MICROSEMI-LC24 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC24 MICROSEMI-LC24 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC24 MICROSEMI-LC24 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC24 NJSEMI-LC24 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
   Line Conditioner - Automatic voltage regulation with surge protection
More results

同様の説明 - LC24DT3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Shanghai Leiditech Elec...
LC33DT3 LEIDITECH-LC33DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC36DT3 LEIDITECH-LC36DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC15DT3 LEIDITECH-LC15DT3 Datasheet
191Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LC08DT3 LEIDITECH-LC08DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
LCDA15C-4 LEIDITECH-LCDA15C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
LCDA12C-4 LEIDITECH-LCDA12C-4 Datasheet
269Kb / 3P
   Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com