データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4881-IDA データシート(PDF) 8 Page - Gennum Corporation

部品番号 GS4881-IDA
部品情報  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881-IDA データシート(HTML) 8 Page - Gennum Corporation

Back Button GS4881-IDA Datasheet HTML 4Page - Gennum Corporation GS4881-IDA Datasheet HTML 5Page - Gennum Corporation GS4881-IDA Datasheet HTML 6Page - Gennum Corporation GS4881-IDA Datasheet HTML 7Page - Gennum Corporation GS4881-IDA Datasheet HTML 8Page - Gennum Corporation GS4881-IDA Datasheet HTML 9Page - Gennum Corporation GS4881-IDA Datasheet HTML 10Page - Gennum Corporation GS4881-IDA Datasheet HTML 11Page - Gennum Corporation GS4881-IDA Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
520 - 23 - 03
ODD/EVEN FIELD OUTPUT (pin 7 GS1881, GS4881)
NTSC PAL and SECAM composite video standards are
interlaced video schemes and therefore have odd and even
fields. For odd fields the first broad vertical sync pulse is
coincident with the start of horizontal, while for even fields the
first broad vertical sync pulse starts in the middle of a horizontal
line. Therefore by comparing the vertical sync with an internally
generated horizontal sync the odd/even field information is
determined. This output is clocked out by the falling edge of
vertical sync. The odd/even output is low during even fields
and high during odd fields. This method of detecting odd and
even fields is very noise tolerant.
Noise during the pre-equalizing pulses does not affect the
output since the field decision is made at the beginning of the
vertical interval. This noise immunity is displayed in Figure 15
in which an extra pre-equalizing pulse has been added to the
video input with no negative effect on the odd/even field
information.
Video
Input
Odd/Even
Output
Even
Odd
HORIZONTAL OUTPUT (pin 7 GS4981)
As mentioned above, the odd/even field output
of the
GS1881 and GS4881 is generated by comparing vertical
sync with an internal horizontal sync signal. This horizontal
sync signal is a true horizontal signal (i.e. maintained during
the vertical interval) and is outputted on pin 7 for the
GS4981. A delay of 190 ns from the video input and a width
of 6.5
µs are typically characteristics for this signal.
The windowing circuit which generates horizontal provides
excellent impulse noise immunity as shown in Figure 16. This
output buffer is an open collector stage with an internal
10 k
Ω pull up resistor.
Fig. 15 Odd/Even Output
Impulse
Noise
Impulse
Noise
Video
Input
Horizontal
Output
Fig. 16 Horizontal Output


同様の部品番号 - GS4881-IDA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS4881 GENNUM-GS4881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

同様の説明 - GS4881-IDA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com