データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS4981-CTA データシート(PDF) 2 Page - Gennum Corporation

部品番号 GS4981-CTA
部品情報  Monolithic Video Sync Separators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4981-CTA データシート(HTML) 2 Page - Gennum Corporation

  GS4981-CTA Datasheet HTML 1Page - Gennum Corporation GS4981-CTA Datasheet HTML 2Page - Gennum Corporation GS4981-CTA Datasheet HTML 3Page - Gennum Corporation GS4981-CTA Datasheet HTML 4Page - Gennum Corporation GS4981-CTA Datasheet HTML 5Page - Gennum Corporation GS4981-CTA Datasheet HTML 6Page - Gennum Corporation GS4981-CTA Datasheet HTML 7Page - Gennum Corporation GS4981-CTA Datasheet HTML 8Page - Gennum Corporation GS4981-CTA Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
520 - 23 - 03
Supply Voltage
4.5
5
13.2
V
Supply Current
Outputs at Logic 1
VCC = 5 V
-
4.6
6.5
mA
VCC = 12 V
-
5.0
7.0
mA
Video Input (Pin 2)
(a) Signal Level
VCC = 5 V
0.5
-
4
Vp-p
(b) Clamp Current
Charge
500
650
850
µA
Discharge - normal
9
11
13
µA
- Nosync flag raised
65
95
115
µA
(c) Delay to raising of Nosync flag Video input held high
64
95
130
µs
(d) Sync Tip Clamp Voltage
-
1.55
-
V
Sync Slice Level
Relative to sync tip clamp voltage
70
77
84
mV
RSET Pin Reference Voltage (Pin 6)
See Note 1
1.14
1.24
1.34
V
Composite Sync Out (Pin 1)
See Note 2
40
60
80
ns
Delay from Video
CL = 15p
Back Porch Pulse Out (Pin 5)
CL = 15p
(a) Delay from Rising
Edge of Sync
400
500
650
ns
(b) Pulse Width
2.0
2.5
3.2
µs
Vertical Sync Out (Pin 3)
(a) Pulse Width
Serrations during vertical interval
197.7
197.7
197.7
µs
(b) Default Starting Time
No serrations during the vertical interval
48
65
82
µs
Horizontal Scan Rate
Modified RSET
15
-
130
kHz
Logic Outputs
(a) VOH
IOH = 40 µA
VCC = 5 V
4.2
4.6
-
V
VCC = 12 V
11.2
11.6
-
V
IOH = 1.6 mA
VCC = 5 V
2.4
3.4
-
V
VCC = 12 V
9.4
10.4
-
V
(b) VOL
IOL = -1.6 mA
-
0.3
0.6
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GS1881 ELECTRICAL CHARACTERISTICS
(V
CC
= 5 V, R
SET
= 680 k
Ω, T
A
= 25
° C, unless otherwise specified)
Note 1: When placing the R
SET
resistor and the 0.1
µF decoupling capacitor careful attention should be made to ensure that they are as close
as possible to pin 6. Care should also be taken to avoid parasitic capacitive coupling from any output pin (pins 1, 3, 5 and 7) to pin 6.
Note 2: Measured from slicing point of input falling edge to 50% point of composite sync falling edge.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION
ORDERING INFORMATION
Part Number
Package Type
Temperature Range
GS1881 - CDA
8 PDIP
0
° to 70° C
GS1881 - CKA
8 SOIC
0
° to 70° C
GS1881 - CTA
8 TAPE
0
° to 70° C
GS1881 - IDA
8 PDIP
-25
° to 85° C
GS1881 - IKA
8 SOIC
-25
° to 85° C
GS1881 - ITA
8 TAPE
-25
° to 85° C


同様の部品番号 - GS4981-CTA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS4981 GENNUM-GS4981 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results

同様の説明 - GS4981-CTA

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com