データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6110A2DGN データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA6110A2DGN
部品情報  150-mW STEREO AUDIO POWER AMPLIFIER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA6110A2DGN データシート(HTML) 4 Page - Texas Instruments

  TPA6110A2DGN Datasheet HTML 1Page - Texas Instruments TPA6110A2DGN Datasheet HTML 2Page - Texas Instruments TPA6110A2DGN Datasheet HTML 3Page - Texas Instruments TPA6110A2DGN Datasheet HTML 4Page - Texas Instruments TPA6110A2DGN Datasheet HTML 5Page - Texas Instruments TPA6110A2DGN Datasheet HTML 6Page - Texas Instruments TPA6110A2DGN Datasheet HTML 7Page - Texas Instruments TPA6110A2DGN Datasheet HTML 8Page - Texas Instruments TPA6110A2DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
AC OPERATING CHARACTERISTICS
TPA6110A2
SLOS314A – DECEMBER 2000 – REVISED SEPTEMBER 2004
V
DD = 5 V, TA = 25°C, RL = 16 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
150
mW
THD+N
Total harmonic distortion + noise
PO = 100 mW, 20 - 20 kHz
0.6%
BOM
Maximum output power BW
G = 10, THD < 5%
> 20
kHz
Phase margin
Open loop
96
°
Supply ripple rejection ratio
f = 1 kHz
61
dB
Channel/Channel output separation
f = 1 kHz, PO = 100 mW
90
dB
SNR
Signal-to-noise ratio
PO = 100 mW, AV = 1
100
dB
Vn
Noise output voltage
AV = 1
11.7
µV(rms)
V
DD = 3.3 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
40
mW
THD+N
Total harmonic distortion + noise
PO = 30 mW, 20 - 20 kHz
0.4%
BOM
Maximum output power BW
AV = 10, THD < 2%
> 20
kHz
Phase margin
Open loop
96
°
Supply ripple rejection ratio
f = 1 kHz
71
dB
Channel/channel output separation
f = 1 kHz
95
dB
SNR
Signal-to-noise ratio
PO = 40 mW, AV = 1
100
dB
Vn
Noise output voltage
AV = 1
11
µV(rms)
V
DD = 5 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%, f = 1 kHz
90
mW
THD+N
Total harmonic distortion + noise
PO = 60 mW, 20 - 20 kHz
0.4%
BOM
Maximum output power BW
AV = 10, THD < 2%
> 20
kHz
Phase margin
Open loop
97
°
Supply ripple rejection ratio
f = 1 kHz
61
dB
Channel/channel output separation
f = 1 kHz
98
dB
SNR
Signal-to-noise ratio
PO = 90 mW, AV = 1
100
dB
Vn
Noise output voltage
AV = 1
11.7
µV(rms)
4


同様の部品番号 - TPA6110A2DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6110A2DGN TI-TPA6110A2DGN Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGNG4 TI-TPA6110A2DGNG4 Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGNR TI-TPA6110A2DGNR Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2DGNRG4 TI-TPA6110A2DGNRG4 Datasheet
660Kb / 20P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA6110A2DGN

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com