データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAW8Q24D データシート(PDF) 7 Page - Seoul Semiconductor

部品番号 SAW8Q24D
部品情報  Enabling the Best lm/W in Mid Power Range
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8Q24D データシート(HTML) 7 Page - Seoul Semiconductor

Back Button SAW8Q24D Datasheet HTML 3Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 4Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 5Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 6Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 7Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 8Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 9Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 10Page - Seoul Semiconductor SAW8Q24D Datasheet HTML 11Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8Q24D
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
7
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.0, May 10, 2016
Characteristics Graph
Product Data Sheet
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 5. Forward Current vs. CIE X,Y Shift, T
j = 25ºC
(2600~4200K)
(4200~7000K)
0.458
0.460
0.462
0.464
0.403
0.404
0.405
0.406
0.407
0.408
0.409
0.410
0.411
0.412
0.413
100mA
65mA
32mA
CIE X
10mA
0.330
0.332
0.334
0.336
0.338
0.340
0.350
0.355
0.360
0.365
100mA
65mA
32mA
CIE X
10mA


同様の部品番号 - SAW8Q24D

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SAW8A32D SEOUL-SAW8A32D Datasheet
1Mb / 26P
   Market Standard 3528 Package Size
SAW8A32E SEOUL-SAW8A32E Datasheet
1Mb / 31P
   High Color Quality, CRI Min. 80
SAW8A32E-E1 SEOUL-SAW8A32E-E1 Datasheet
1Mb / 31P
   RoHS compliant
More results

同様の説明 - SAW8Q24D

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
STW9Q14D SEOUL-STW9Q14D Datasheet
1Mb / 31P
   Enabling the best lm-W in Mid Power Range
SFT825G-S SEOUL-SFT825G-S Datasheet
1,018Kb / 32P
   Enabling the best lm/W in Mid Power Range
STW8Q14D-E3 SEOUL-STW8Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW7Q14D-E3 SEOUL-STW7Q14D-E3 Datasheet
864Kb / 23P
   Enabling the Best lm/W in Mid Power Range
E2-STW8Q14D SEOUL-E2-STW8Q14D Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STW8Q14D-E4 SEOUL-STW8Q14D-E4 Datasheet
953Kb / 26P
   Enabling the Best lm/W in Mid Power Range
STW8Q14YE SEOUL-STW8Q14YE Datasheet
1Mb / 33P
   Enabling the best lm-W in Mid Power Range
STW9Q14D-E3 SEOUL-STW9Q14D-E3 Datasheet
1Mb / 31P
   Enabling the Best lm/W in Mid Power Range
STF0A36B SEOUL-STF0A36B Datasheet
986Kb / 21P
   The Best lm-W in Full Color Products
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com