データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZW03F1D データシート(PDF) 5 Page - Seoul Semiconductor

部品番号 SZW03F1D
部品情報  Applicable for automotive Exterior light
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZW03F1D データシート(HTML) 5 Page - Seoul Semiconductor

  SZW03F1D Datasheet HTML 1Page - Seoul Semiconductor SZW03F1D Datasheet HTML 2Page - Seoul Semiconductor SZW03F1D Datasheet HTML 3Page - Seoul Semiconductor SZW03F1D Datasheet HTML 4Page - Seoul Semiconductor SZW03F1D Datasheet HTML 5Page - Seoul Semiconductor SZW03F1D Datasheet HTML 6Page - Seoul Semiconductor SZW03F1D Datasheet HTML 7Page - Seoul Semiconductor SZW03F1D Datasheet HTML 8Page - Seoul Semiconductor SZW03F1D Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
www.seoulsemicon.com
5
Rev1.0, Aug 25, 2015
SZW03F1D - Z3 Series White
Characteristics Graph
Product Data Sheet
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 1. Color Spectrum, I
F = 1.0A, Tj = 25ºC, RH30%
Fig 2. Viewing Angle Distribution, I
F = 1.0A
Wavelength [nm]
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0
400
450
500
550
600
650
700
750
0.0
0.2
0.4
0.6
0.8
1.0


同様の部品番号 - SZW03F1D

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
More results

同様の説明 - SZW03F1D

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
   Applicable for automotive Exterior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
   Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
   Applicable for automotive exterior light
SNW0ND08S SEOUL-SNW0ND08S Datasheet
886Kb / 19P
   Applicable for automotive Exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
   Applicable for automotive exterior light
STR0G16C SEOUL-STR0G16C Datasheet
873Kb / 23P
   Applicable for automotive exterior light
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
   Applicable for automotive Exterior light
SZ5-P0-W0-00 SEOUL-SZ5-P0-W0-00 Datasheet
1Mb / 24P
   Applicable for automotive exterior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
   Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
   Applicable for automotive exterior light
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com