データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD1020HFV データシート(PDF) 1 Page - Rohm

部品番号 BD1020HFV
部品情報  Temperature Sensor IC Analog Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD1020HFV データシート(HTML) 1 Page - Rohm

  BD1020HFV_15 Datasheet HTML 1Page - Rohm BD1020HFV_15 Datasheet HTML 2Page - Rohm BD1020HFV_15 Datasheet HTML 3Page - Rohm BD1020HFV_15 Datasheet HTML 4Page - Rohm BD1020HFV_15 Datasheet HTML 5Page - Rohm BD1020HFV_15 Datasheet HTML 6Page - Rohm BD1020HFV_15 Datasheet HTML 7Page - Rohm BD1020HFV_15 Datasheet HTML 8Page - Rohm BD1020HFV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/9
TSZ02201-0M2M0F515090-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Nov.2015 Rev.001
TSZ22111・14・001
www.rohm.com
Temperature Sensor IC
Analog Output
BD1020HFV
General Description
BD1020HFV is a low quiescent current (4µA) and high
accuracy temperature sensor.
This IC has a linear response with respect to
temperature.
Features
Low Thermal Resistance ( typically 187°C/W )
ESD Rating 8kV ( HBM )
Excellent Ripple Rejection Characteristics
Applications
Cell Phone ( RF Module, Battery Thermal
Management ), Audio Systems, Digital Still Camera,
LCD, PDP,
Optical pick up module for DVD and BlueRay
Key Specifications
Operating Voltage Range:
2.4V to 5.5V
High Accuracy:
±1.5°C(Max) @Ta=30°C
±2.5°C (Max) @Ta=-30°C, +100°C
Temperature Sensitivity:
-8.2 mV/°C (Typ)
Quiescent Current:
4.0µA(Typ)
Detection Temperature Range:
-30°C to +100°C
Package
W (Typ) x D (Typ) x H (Max)
Block Diagram and Pin Configuration
Pin Descriptions
Pin No.
Pin Name
Function
Comment
1
N.C.
-
Please set to OPEN .
2
PG
Heat Condition
Please connect to Temperature Measurement part.
3
OUT
Output Voltage for is inversely proportional
with temperature
-
4
VDD
Power Supply
-
5
GND
Ground
-
HVSOF5
1.60mm x 1.60mm x 0.60mm
TOP VIEW
PG
VDD
OUT
BUFFER
GND
N.C.
TEMPARATURE
SENSOR
REGULATER
Datasheet
Datasheet


同様の部品番号 - BD1020HFV_15

メーカー部品番号データシート部品情報
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
More results

同様の説明 - BD1020HFV_15

メーカー部品番号データシート部品情報
logo
Rohm
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AACA-I4T1U SII-S-5855AACA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
logo
Maxim Integrated Produc...
DS600 MAXIM-DS600 Datasheet
73Kb / 4P
   0.5 Accurate Analog-Output Temperature Sensor
REV: 040804
DS600 MAXIM-DS600_07 Datasheet
193Kb / 5P
   ±0.5 Accurate Analog-Output Temperature Sensor
REV: 041607
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com