データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2505FV データシート(PDF) 5 Page - Rohm

部品番号 BU2505FV
部品情報  10bit 8ch/10ch D/A Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2505FV データシート(HTML) 5 Page - Rohm

  BU2505FV Datasheet HTML 1Page - Rohm BU2505FV Datasheet HTML 2Page - Rohm BU2505FV Datasheet HTML 3Page - Rohm BU2505FV Datasheet HTML 4Page - Rohm BU2505FV Datasheet HTML 5Page - Rohm BU2505FV Datasheet HTML 6Page - Rohm BU2505FV Datasheet HTML 7Page - Rohm BU2505FV Datasheet HTML 8Page - Rohm BU2505FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/18
BU2505FV BU2506FV
TSZ02201-0RLR0GZ10140-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
Timing Characteristics(Unless otherwise specified, VCC=5V, VrefH=5V, VrefL=0V, TA=25°C)
Parameter
Symbol
Limits
Unit
Conditions
Min
Typ
Max
The voltage levels of the measured time
points are 20% or 80% of VCC.
Reset L pulse width
tRTL
50
-
-
ns
-
Clock L pulse width
tCKL
50
-
-
-
Clock H pulse width
tCKH
50
-
-
-
Clock rise time
tcr
-
-
50
-
Clock fall time
tcf
-
-
50
-
Data setup time
tDCH
20
-
-
-
Data hold time
tCHD
40
-
-
-
Load setup time
tCHL
50
-
-
-
Load hold time
tLDC
50
-
-
-
Load H pulse width
tLDH
50
-
-
-
Data output delay time
tDO
-
-
90
CL=100pF
D/A output settling time
tLDD
-
7
20
μs
CL≤100pF
(Note 6), VO: 0.5V↔4.5V
The time interval from the start time to
change an output voltage to the time at
which the output voltage reaches to its
final value within 1/2 LSB.
(Note 6) A capacitor should be placed between the analog output and ground in order to eliminate noise.
A capacitance up to 100pF is recommended (including the capacitance of the wire).
Applicational information
LD input
The LD input is a level trigger signal. When LD=H, an internal shift register value is loaded into a latch. It doesn’t
have to be cared whether CLK is H or L when LD changes to H. However CLK must not be changed while LD is H.
The shift register values pass through the latches if LD=H and CLK is toggled.
Power-on operation
The BU2505FV and the BU2506FV does not have a power-on reset function. Therefore, after power-on, data in
the internal registers are unknown. When RESET changes from H to L, all latch outputs turn into L, although the
shift registers are not reset.
Pull-down resister
Pin 5 and pin 6 are pulled up internally. If putting the external pull-down resister on them, the recommended value
is less than 1kΩ.
Truth Table
L
H
Pin 5: RESET
Reset
Normal
Pin 6: REVERSE
MSB first
LSB first
CLK
DI
LD
DA
OUTPUT
tCKL
tcr
tCKH
tcf
tDCH
tCHD
tCHL
tLDH
tLDC
tLDD
DO
OUTPUT
tDO
RESET
tRTL


同様の部品番号 - BU2505FV

メーカー部品番号データシート部品情報
logo
Rohm
BU2505FV ROHM-BU2505FV Datasheet
49Kb / 4P
   10bit 10-channel D/A converter
BU2505FV ROHM-BU2505FV Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV ROHM-BU2505FV Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2505FV-E2 ROHM-BU2505FV-E2 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
More results

同様の説明 - BU2505FV

メーカー部品番号データシート部品情報
logo
Rohm
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BU2507FV ROHM-BU2507FV_15 Datasheet
1Mb / 21P
   10bit 4ch/6ch D/A Converters
BH2223FV ROHM-BH2223FV_10 Datasheet
245Kb / 8P
   Standard 8bit 10ch/12ch D/A Converters
BH2223FV ROHM-BH2223FV_15 Datasheet
1Mb / 19P
   D/A Converters Standard 8bit 10ch/12ch
BH2223FV ROHM-BH2223FV_09 Datasheet
277Kb / 8P
   Standard 8bit 10ch-E12ch Type D/A Converters
BH2226FV ROHM-BH2226FV_09 Datasheet
387Kb / 10P
   Standard 8bit 8ch Type D/A Converters
BH2226FV ROHM-BH2226FV_15 Datasheet
1Mb / 20P
   D/A Converters Standard 8bit 8ch Type
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com