データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2507FV データシート(PDF) 2 Page - Rohm

部品番号 BU2507FV
部品情報  10bit 4ch/6ch D/A Converters
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2507FV データシート(HTML) 2 Page - Rohm

  BU2507FV_15 Datasheet HTML 1Page - Rohm BU2507FV_15 Datasheet HTML 2Page - Rohm BU2507FV_15 Datasheet HTML 3Page - Rohm BU2507FV_15 Datasheet HTML 4Page - Rohm BU2507FV_15 Datasheet HTML 5Page - Rohm BU2507FV_15 Datasheet HTML 6Page - Rohm BU2507FV_15 Datasheet HTML 7Page - Rohm BU2507FV_15 Datasheet HTML 8Page - Rohm BU2507FV_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/17
BU2507FV BU2508FV
TSZ02201-0RLR0GZ10150-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
11.Dec.2015 Rev.001
www.rohm.co.jp
TSZ22111・15・001
1 2 3 4 5 6 7
SSOP-B14
(TOP VIEW)
14 13 12 11 10 9 8
Pin Configurations
Pin Descriptions
No.
Terminal
name
Analog /
Digital
I/O
Description of terminal
Equivalent
circuit No.
BU2507FV
BU2508FV
1
VSS
Analog
-
D/A converter lower side reference voltage (VrefL) input terminal
5
2
AO2
Analog
O
10bit D/A output (CH2)
3
3
AO3(TEST1)
Analog
O
10bit D/A output (CH3)
test terminal
(Note 1)
3
4
RESET
Digital
I
Fixes the output voltage to the lower reference level for all
channels.
2
5
AO4(TEST2)
Digital
I
10bit D/A output (CH4)
test terminal
(Note 1)
3
6
AO5 (AO3)
Analog
O
10bit D/A output (CH5)
10bit D/A output (CH3)
3
7
VDD
Analog
-
D/A converter upper reference voltage (VrefH) input terminal
4
8
VCC
-
-
Power supply
-
9
AO6 (AO4)
Analog
O
10bit D/A output (CH6)
10bit D/A output (CH4)
3
10
LD
Digital
I
When the LD terminal is set to the high level voltage, 14bit data in
the shift register is loaded on to the address decoder and a
specified D/A output register.
1
11
CLK
Digital
I
Shift clock input terminal. At the rising edge of the CLK input, an
input value on the DI terminal is input to the 14bit shift register.
1
12
DI
Digital
I
Serial data input terminal. Serial data length is 14bit (4bit address
and 10bit data).
1
13
AO1
Analog
O
10bit D/A output (CH1)
3
14
GND
-
-
GND terminal
-
(Note 1) The TEST1 and TEST2 terminals of the BU2508FV should be left open. These terminals are used for testing.


同様の部品番号 - BU2507FV_15

メーカー部品番号データシート部品情報
logo
Rohm
BU2507FV-E2 ROHM-BU2507FV-E2 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
More results

同様の説明 - BU2507FV_15

メーカー部品番号データシート部品情報
logo
Rohm
BU2508FV ROHM-BU2508FV_11 Datasheet
301Kb / 9P
   High-precision 10bit 4ch/6ch D/A Converters
BH2227FV ROHM-BH2227FV_15 Datasheet
1Mb / 18P
   D/A Converters Standard 8bit 4ch ??6ch Type
BU2508FV ROHM-BU2508FV_09 Datasheet
333Kb / 9P
   High-precision 10bit 4ch-E6ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK8432 AKM-AK8432 Datasheet
1Mb / 46P
   6CH 10bit 40MSPS횞3
logo
Rohm
BU2505FV ROHM-BU2505FV_15 Datasheet
1Mb / 22P
   10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_11 Datasheet
341Kb / 11P
   High-precision 10bit 8ch/10ch D/A Converters
BU2506FV ROHM-BU2506FV_09 Datasheet
339Kb / 9P
   High-precision 10bit 8ch 10ch Type D/A Converters
BH2227FV ROHM-BH2227FV_09 Datasheet
257Kb / 9P
   Standard 8bit 4ch-E6ch Type D/A Converters
BH2227FV ROHM-BH2227FV_11 Datasheet
235Kb / 9P
   Standard 8bit 4ch??ch Type D/A Converters
logo
Asahi Kasei Microsystem...
AK4591 AKM-AK4591 Datasheet
257Kb / 40P
   24bit 4ch ADC 24bit 6ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com