データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU4052BCFF-E2 データシート(PDF) 8 Page - Rohm

部品番号 BU4052BCFF-E2
部品情報  Dual 4ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU4052BCFF-E2 データシート(HTML) 8 Page - Rohm

Back Button BU4052BCFF-E2 Datasheet HTML 4Page - Rohm BU4052BCFF-E2 Datasheet HTML 5Page - Rohm BU4052BCFF-E2 Datasheet HTML 6Page - Rohm BU4052BCFF-E2 Datasheet HTML 7Page - Rohm BU4052BCFF-E2 Datasheet HTML 8Page - Rohm BU4052BCFF-E2 Datasheet HTML 9Page - Rohm BU4052BCFF-E2 Datasheet HTML 10Page - Rohm BU4052BCFF-E2 Datasheet HTML 11Page - Rohm BU4052BCFF-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/17
TSZ02201-0RDR0GZ00290-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4052BC BU4052BCF BU4052BCFV
Typical Performance Curves - continued
Figure 15. Propagation Delay Time tPLZ
(CONTROL (A,B)→OUT) vs Ambient Temperature
Figure 16. Propagation Delay Time tPZL
(CONTROL (A,B)→OUT) vs Ambient Temperature
Figure 17. Propagation Delay Time tPZH
(CONTROL (INHIBIT)→OUT) vs Ambient Temperature
Figure 18. Propagation Delay Time tPHZ
(CONTROL (INHIBIT)→OUT) vs Ambient Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V
0
100
200
300
400
500
-50
-25
0
25
50
75
100
Ambient Temperature [°C]
Operating Temperature Range
VDD=3V
VDD=5V
VDD=10V
VDD=18V


同様の部品番号 - BU4052BCFF-E2

メーカー部品番号データシート部品情報
logo
Rohm
BU4052BCF ROHM-BU4052BCF Datasheet
79Kb / 7P
   Dual 4-channel analog multiplexer / demultiplexer
BU4052BCF ROHM-BU4052BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BCF ROHM-BU4052BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BCF-E2 ROHM-BU4052BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4052BCF-E2 ROHM-BU4052BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

同様の説明 - BU4052BCFF-E2

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com