データシートサーチシステム |
|
Qxx04R4 データシート(PDF) 1 Page - Littelfuse |
|
Qxx04R4 データシート(HTML) 1 Page - Littelfuse |
1 / 10 page © 2016 Littelfuse, Inc. Specifications are subject to change without notice. Revised: 05/03/16 Teccor® brand Thyristors 4 Amp Sensitive & Standard Triacs Lxx04xx & Qxx04xx Series Description Main Features 4 Amp bi-directional solid state switch series is designed for AC switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays. Sensitive type devices guarantee gate control in Quadrants I & IV needed for digital control circuitry. Standard type devices normally operate in Quadrants I & III triggered from AC line. Symbol Value Unit I T(RMS) 4 A V DRM/VRRM 400 to 1000 V I GT (Q1) 3 to 25 mA Absolute Maximum Ratings — Sensitive Triacs (4 Quadrants) Symbol Parameter Value Unit I T(RMS) RMS on-state current (full sine wave) Lxx04Ly T C = 90°C 4 A Lxx04Ry/Lxx04Vy/Lxx04Dy T C = 95°C I TSM Non repetitive surge peak on-state current (full cycle, T J initial = 25°C) f = 50 Hz t = 20 ms 33 A f = 60 Hz t = 16.7 ms 40 I2t I2t Value for fusing t p = 8.3 ms 6.6 A2s di/dt Critical rate of rise of on-state current (I G = 50mA with ≤ 0.1μs rise time) f = 120 Hz T J = 110°C 50 A/μs I GTM Peak gate trigger current t p ≤ 10 μs T J = 110°C 1.2 A P G(AV) Average gate power dissipation T J = 110°C 0.3 W T stg Storage temperature range -40 to 150 °C T J Operating junction temperature range -40 to 110 °C Note: xx = voltage, y = sensitivity Schematic Symbol MT2 MT1 G Applications Typical applications are AC solid-state switches, power tools, home/brown goods and white goods appliances. Sensitive gate Triacs can be directly driven by microprocessor or popular opto-couplers/isolators. Internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage. Features & Benefits • RoHS Compliant • Glass – passivated junctions • Voltage capability up to 1000 V • Surge capability up to 55 A • Electrically isolated “L-Package” is UL Recognized for 2500Vrms • Solid-state switching eliminates arcing or contact bounce that create voltage transients • No contacts to wear out from reaction of switching events • Restricted (or limited) RFI generation, depending on activation point of sine wave • Requires only a small gate activation pulse in each half-cycle Agency Approval Agency Agency File Number L Package : E71639 RoHS |
同様の部品番号 - Qxx04R4 |
|
同様の説明 - Qxx04R4 |