データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574N-15 データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM2574N-15
部品情報  SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2574N-15 データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2574N-15 Datasheet HTML 7Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 8Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 9Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 10Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 11Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 12Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 13Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 14Page - National Semiconductor (TI) LM2574N-15 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Test Circuit and Layout Guidelines
(Continued)
U.S. Source
Note 1: Pulse Engineering,
(619) 674-8100
P.O. Box 12236, San Diego, CA 92112
Note 2: Renco Electronics Inc.,
(516) 586-5566
60 Jeffryn Blvd. East, Deer Park, NY 11729
*Contact Manufacturer
European Source
Note 3: NPI/APC
+44 (0) 634 290588
47 Riverside, Medway City Estate
Strood, Rochester, Kent
ME2 4DP.
UK
*Contact Manufacturer
Inductor
Pulse Eng.
Renco
NPI
Value
(Note 1)
(Note 2)
(Note 3)
68 µH
*
RL-1284-68-43
NP5915
100 µH
*
RL-1284-100-43
NP5916
150 µH
52625
RL-1284-150-43
NP5917
220 µH
52626
RL-1284-220-43
NP5918/5919
330 µH
52627
RL-1284-330-43
NP5920/5921
470 µH
52628
RL-1284-470-43
NP5922
680 µH
52629
RL-1283-680-43
NP5923
1000 µH
52631
RL-1283-1000-43
*
1500 µH
*
RL-1283-1500-43
*
2200 µH
*
RL-1283-2200-43
*
FIGURE 3. Inductor Selection by
Manufacturer’s Part Number
www.national.com
11


同様の部品番号 - LM2574N-15

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM2574N-15 ONSEMI-LM2574N-15 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574N-15 ONSEMI-LM2574N-15 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2574N-15 ONSEMI-LM2574N-15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574N-15G ONSEMI-LM2574N-15G Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2574N-15G ONSEMI-LM2574N-15G Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
More results

同様の説明 - LM2574N-15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com