データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-2210W データシート(PDF) 7 Page - Copal Electronics

部品番号 SD-2210W
部品情報  ROTARY CODED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SD-2210W データシート(HTML) 7 Page - Copal Electronics

  SD-2210W Datasheet HTML 1Page - Copal Electronics SD-2210W Datasheet HTML 2Page - Copal Electronics SD-2210W Datasheet HTML 3Page - Copal Electronics SD-2210W Datasheet HTML 4Page - Copal Electronics SD-2210W Datasheet HTML 5Page - Copal Electronics SD-2210W Datasheet HTML 6Page - Copal Electronics SD-2210W Datasheet HTML 7Page - Copal Electronics SD-2210W Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Code
SD-1000 / 2000
ROTARY CODED SWITCHES
TERMINAL CONNECTION / P.C.B. THROUGH HOLE DIMENSIONS
(Unit: mm)
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Terminal pin
layout
(Bottom view)
P.C.B. dimensions
(Bottom view)
Top setting
Side setting
2.54
± 0.1
SD-1000/2000 case
6 –
0.8 hole
φ
2.54
± 0.1
SD-1000/2000 case
6 –
0.8 hole
φ
8
2
C
1
4
C
8
2
C
1
4
C
14
C
82
C
14
C
82
C
Real code
Operating face
of real code
Operating face of
complementary code
Complementary code
1.75
1.75
10.5
(14)
CODE FORMAT
No. of positions
SD-1000 series (16 positions)
SD-2000 series (10 positions)
Position
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
O …Contact closed


同様の部品番号 - SD-2210W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SD-2210W ETC2-SD-2210W Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
SD-2210WB ETC2-SD-2210WB Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
More results

同様の説明 - SD-2210W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-1231A ETC2-S-1231A Datasheet
320Kb / 7P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com